Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6260 Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS6260
Description  Li-ion and LiPo battery charger with LDO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6260 Datasheet(HTML) 1 Page - Micro Analog systems

  MAS6260 Datasheet HTML 1Page - Micro Analog systems MAS6260 Datasheet HTML 2Page - Micro Analog systems MAS6260 Datasheet HTML 3Page - Micro Analog systems MAS6260 Datasheet HTML 4Page - Micro Analog systems MAS6260 Datasheet HTML 5Page - Micro Analog systems MAS6260 Datasheet HTML 6Page - Micro Analog systems MAS6260 Datasheet HTML 7Page - Micro Analog systems MAS6260 Datasheet HTML 8Page - Micro Analog systems MAS6260 Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DA6260.002
5 February, 2019
1 (9)
MAS6260
Li-ion and LiPo battery charger with LDO
• Both lithium ion and lithium polymer
battery charging
• Low-dropout voltage regulator
DESCRIPTION
MAS6260 is a linear single cell charger IC for both Li-
ion and LiPo batteries. It has integrated low-dropout
regulator
(LDO)
and
several
battery
protection
functions.
MAS6260 uses a CC/CV algorithm to charge the
battery. The fast-charge current can be programmed
using an external resistor. Pre-charge current and
termination current are scaled accordingly. The floating
voltage value options available are 4.2 V, 4.35V and
4.4V.
The input supply voltage is normally used to charge the
battery and provide power to the LDO regulator and
SYS output. When a valid input voltage is not present
and the battery is not empty, the device automatically
switches to battery power.
MAS6260 integrates overcharge, overdischarge and
overcurrent protection circuitry to prevent the battery
from being damaged under fault conditions. It also
features a charger enable input to stop the charging
process when battery overtemperature is detected by
external circuitry.
When the shutdown mode is activated, the battery
power consumption is reduced to typ 1
A to maximize
battery life during shelf time or shipping. The device is
available in a DFN-12 3x3x0.75mm package.
FEATURES
APPLICATIONS
• Thin 3x3x0.75mm DFN-12 package
• Charges single-cell Li-Ion batteries with CC-CV
algorithm and charge termination
• Charge current programmable up to 400 mA
• 1% accuracy on floating voltage
• 150mA LDO regulator with 3.05V Output Voltage
• Automatic power path management
• Battery overcharge protection
• Battery overdischarge protection
• SYS and LDO overcurrent protection
• Charging timeout
• Very low battery leakage in
overdischarge/shutdown mode
• Low quiescent current
• Charge/fault status output
• Charger enable input
• Sport watches
• Portable low-power devices


Similar Part No. - MAS6260

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS6240 MAS-MAS6240 Datasheet
201Kb / 10P
Piezo Driver with Multi-Mode Charge Pump
MAS6240A1HP06 MAS-MAS6240A1HP06 Datasheet
201Kb / 10P
Piezo Driver with Multi-Mode Charge Pump
MAS6240A1HP08 MAS-MAS6240A1HP08 Datasheet
201Kb / 10P
Piezo Driver with Multi-Mode Charge Pump
MAS6240A1TC00 MAS-MAS6240A1TC00 Datasheet
201Kb / 10P
Piezo Driver with Multi-Mode Charge Pump
MAS6240C MAS-MAS6240C Datasheet
221Kb / 11P
Piezo Driver with Multi-Mode Charge Pump
More results

Similar Description - MAS6260

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX2203 MICROSEMI-LX2203 Datasheet
187Kb / 11P
Li-Ion Battery Charger
LX2203A MICROSEMI-LX2203A Datasheet
183Kb / 11P
Li-Ion Battery Charger
logo
Kingbor Technology Co
KB4054 KINGBOR-KB4054 Datasheet
142Kb / 15P
Li-Ion Battery Charger
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
Li-Ion Battery Charger
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
Li-ion Battery Charger
May 16, 2007
ISL9205IRZ INTERSIL-ISL9205IRZ Datasheet
515Kb / 14P
Li-ion Battery Charger
July 28, 2010
logo
STMicroelectronics
STBC03 STMICROELECTRONICS-STBC03 Datasheet
1Mb / 34P
Li-Ion linear battery charger with LDO and load switches
February 2017 Rev 2
logo
Monolithic Power System...
MP2678 MPS-MP2678 Datasheet
396Kb / 11P
Li-Ion Battery Charger Protection Circuit With LDO Mode
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205_V01 Datasheet
788Kb / 17P
Li-ion Battery Charger
Dec 20, 2018
logo
Hotchip Technology Co.,...
HT4906 HOTCHIP-HT4906 Datasheet
579Kb / 11P
Li-ion Battery Charger
Ver1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com