Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6260 Datasheet(PDF) 4 Page - Micro Analog systems

Part # MAS6260
Description  Li-ion and LiPo battery charger with LDO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6260 Datasheet(HTML) 4 Page - Micro Analog systems

  MAS6260 Datasheet HTML 1Page - Micro Analog systems MAS6260 Datasheet HTML 2Page - Micro Analog systems MAS6260 Datasheet HTML 3Page - Micro Analog systems MAS6260 Datasheet HTML 4Page - Micro Analog systems MAS6260 Datasheet HTML 5Page - Micro Analog systems MAS6260 Datasheet HTML 6Page - Micro Analog systems MAS6260 Datasheet HTML 7Page - Micro Analog systems MAS6260 Datasheet HTML 8Page - Micro Analog systems MAS6260 Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DA6260.002
5 February, 2019
4 (9)
ELECTRICAL CHARACTERISTICS
TA = -40°C to +85°C, typical values at TA = 27°C, VIN = 5.0 V, VBAT = 3.6 V, RISET = 1 k, CBAT = 4.7 uF, CIN = CSYS = CLDO = 2.2 uF.
SD = low, CEN = high; unless otherwise specified
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Battery voltage
overcharge threshold
VOCHG
VBAT rising
MAS6260AA1
MAS6260AA2
MAS6260AA3
4.26
4.30
4.45
4.50
4.34
V
Battery voltage
overdischarge threshold
VODC
VIN<VUVLO, ILDO=100mA
2.75
2.80
2.85
V
Battery voltage
overdischarge threshold
hysteresis
VODCH
200
mV
Battery voltage
overdischarge release
threshold
VODCR
3
V
Input to battery on-
resistance
RON-IB
1.0
1.7
Ω
Battery to SYS on-
resistance
RON-BS
ISINK=100mA
0.7
1.3
Ω
BATSNS to BATMS on-
resistance
RON-
BATMS
ISINK=500uA
12
Ω
Output low level
(XCHG)
VOL
ISINK=5mA
0.4
V
Logic low input level
(SD, CEN)
VIL
VLDO = 3.05V
0.4
V
Logic high input level
(SD, CEN)
VIH
VLDO = 3.05V
1.6
V
CEN pull-up resistor
RUP
350
k
Ω
SD pull-down resistor
RDOWN
350
k
Ω
LDO output voltage
VLDO
ILDO = 1mA
3.00
3.05
3.10
V
LDO static load
regulation
VOUT-
LOAD
ILDO = 1mA to 150mA
±0.01
%/mA
LDO current limit
ILDO-LIM
300
mA
Input switch current limit
IINLIM
420
mA
System switch current
limit
ISYS-LIM
220
mA
NTC bias current
INTCB
VNTC = 0.25V
40
50
60
A
Thermal management
hot threshold
VHOT
Increasing NTC temperature
0.26
V
Thermal management
cold threshold
VCOLD
Decreasing NTC temperature
1.32
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com