Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6181B Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS6181B
Description  AM Receiver IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6181B Datasheet(HTML) 2 Page - Micro Analog systems

  MAS6181B Datasheet HTML 1Page - Micro Analog systems MAS6181B Datasheet HTML 2Page - Micro Analog systems MAS6181B Datasheet HTML 3Page - Micro Analog systems MAS6181B Datasheet HTML 4Page - Micro Analog systems MAS6181B Datasheet HTML 5Page - Micro Analog systems MAS6181B Datasheet HTML 6Page - Micro Analog systems MAS6181B Datasheet HTML 7Page - Micro Analog systems MAS6181B Datasheet HTML 8Page - Micro Analog systems MAS6181B Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2 (14)
DA6181B.003
17 September, 2014
PAD LAYOUT
1120 µ
µ
µ
µ
m
MAS6181B1
VDD
QO2
QO1
QI
AGC
PDN2
OUT
VSS
RFI2
RFIM
RFIP
PDN1
AON
DEC
1st bond!
Do not bond!
DIE size = 1120 x 1530 µm; rectangular PAD 80 µm x 80 µm
Note: Because the substrate of the die is internally connected to VSS, the die has to be connected to VSS or left
floating. Please make sure that VSS is the first pad to be bonded. Pick-and-place and all component assembly
are recommended to be performed in ESD protected area.
Note: Coordinates are pad center points where origin has been located in bottom-left corner of the silicon die.
Pad Identification
Name
X-coordinate
Y-coordinate
Note
Power Supply Voltage
VDD
126 µm
1332 µm
Quartz Filter Output for Crystal 2
QO2
126 µm
1132 µm
Quartz Filter Output for Crystal 1
QO1
126 µm
962 µm
Quartz Filter Input for Crystals
QI
126 µm
788 µm
AGC Capacitor
AGC
126 µm
614 µm
Power Down/Frequency Selection Input 2
PDN2
126 µm
440 µm
1
Receiver Output
OUT
126 µm
263 µm
2
Demodulator Capacitor
DEC
994 µm
266 µm
AGC On Control
AON
994 µm
450 µm
3
Power Down/Frequency Selection Input 1
PDN1
994 µm
618 µm
1
Positive Receiver Input
RFIP
994 µm
807 µm
4
Negative Receiver Input
RFIM
994 µm
985 µm
4
Test pad RFIMB
RFIMB
298 µm
1025 µm
5
Test pad RFI2B
RFI2B
400 µm
1025 µm
5
Receiver Input 2 (for Antenna Capacitor 2)
RFI2
994 µm
1163 µm
Power Supply Ground
VSS
994 µm
1321 µm
Notes:
1) PDN1 = VDD and PDN2 = VDD means receiver off
-
Fast start-up is triggered when the receiver is after power down controlled to power on
2) OUT = VSS when carrier amplitude at maximum; OUT = VDD when carrier amplitude is reduced
(modulated)
-
The output is a current source/sink with |IOUT| > 5 µA
-
At power down the output is pulled to VSS (pull down switch)
3) AON = VSS means AGC off (hold current gain level); AON = VDD means AGC on (normal operation)
-
Unused AON pad can be left unconnected due to internal pull-up with current < 1 µA. Pull up current is
switched off at power down.
4) Receiver inputs RFIP and RFIM have both 1.4 MΩ biasing resistors towards VDD
5) RFIMB and RFI2B pads are left unconnected. They are only for wafer level testing purposes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com