Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6181B Datasheet(PDF) 5 Page - Micro Analog systems

Part # MAS6181B
Description  AM Receiver IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6181B Datasheet(HTML) 5 Page - Micro Analog systems

  MAS6181B Datasheet HTML 1Page - Micro Analog systems MAS6181B Datasheet HTML 2Page - Micro Analog systems MAS6181B Datasheet HTML 3Page - Micro Analog systems MAS6181B Datasheet HTML 4Page - Micro Analog systems MAS6181B Datasheet HTML 5Page - Micro Analog systems MAS6181B Datasheet HTML 6Page - Micro Analog systems MAS6181B Datasheet HTML 7Page - Micro Analog systems MAS6181B Datasheet HTML 8Page - Micro Analog systems MAS6181B Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5 (14)
DA6181B.003
17 September, 2014
TYPICAL APPLICATION
V
BATTERY
Receiver
Output
Power Down /
Fast Startup /
Frequency Selection
Optional
Control
for AGC on/hold
X
1
X
2
Ferrite
Antenna
C
ANT1
C
ANT2
L
ANT
Note 1
AGC Amplifier
Power Supply/Biasing
Demodulator
&
Comparator
RFIM
RFI2
VDD
VSS PDN1
AGC
DEC
OUT
QI
AON
QO1
QO2
PDN2
RFIP
VDD
VDD
C
AGC
10 µ
µ
µ
µ
F
C
DEC
47 nF
Note 2
VDD
VDD
Note 5
Note 4
Note 3
Figure 1. Application circuit of dual band receiver MAS6181
V
BATTERY
Receiver
Output
Power Down /
Fast Startup /
Frequency Selection
Optional
Control
for AGC on/hold
X
2
40003 Hz
Ferrite
Antenna
C
ANT1
1.9 nF
C
ANT1
2.4 nF
L
ANT
3.64 mH
Note 1
AGC Amplifier
Power Supply/Biasing
Demodulator
&
Comparator
RFIM
RFI2
VDD
VSS PDN1
AGC
DEC
OUT
QI
AON
QO1
QO2
PDN2
RFIP
VDD
VDD
C
AGC
10 µ
µ
µ
µ
F
C
DEC
47 nF
Note 2
VDD
VDD
Note 5
Note 4
Note 3
X
1
60003 Hz
Figure 2. Example circuit of dual band receiver MAS6181 for JJY 60 kHz and 40 kHz frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com