Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6181B Datasheet(PDF) 10 Page - Micro Analog systems

Part # MAS6181B
Description  AM Receiver IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6181B Datasheet(HTML) 10 Page - Micro Analog systems

Back Button MAS6181B Datasheet HTML 6Page - Micro Analog systems MAS6181B Datasheet HTML 7Page - Micro Analog systems MAS6181B Datasheet HTML 8Page - Micro Analog systems MAS6181B Datasheet HTML 9Page - Micro Analog systems MAS6181B Datasheet HTML 10Page - Micro Analog systems MAS6181B Datasheet HTML 11Page - Micro Analog systems MAS6181B Datasheet HTML 12Page - Micro Analog systems MAS6181B Datasheet HTML 13Page - Micro Analog systems MAS6181B Datasheet HTML 14Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10 (14)
DA6181B.003
17 September, 2014
PIN CONFIGURATION & TOP MARKING FOR PLASTIC TSSOP-16 PACKAGE
QO2
VDD
QO1
QI
AGC
PDN2
OUT
RFIM
VSS
RFI2
RFIP
PDN1
AON
DEC
Top Marking Definitions:
z = Version Number
YYWW = Year Week
PIN DESCRIPTION
Pin Name
Pin
Type
Function
Note
VDD
1
P
Positive Power Supply
QO2
2
AO
Quartz Filter Output for Crystal 2
QO1
3
AO
Quartz Filter Output for Crystal 1
4
NC
1
QI
5
AI
Quartz Filter Input for Crystal and External
Compensation Capacitor
AGC
6
AO
AGC Capacitor
PDN2
7
DI
Power Down/Frequency Selection Input 2
2
OUT
8
DO
Receiver Output
3
DEC
9
AO
Demodulator Capacitor
AON
10
DI
AGC On Control
4
PDN1
11
DI
Power Down/Frequency Selection Input 1
2
12
NC
1
RFIP
13
AI
Positive Receiver Input
5
RFIM
14
AI
Negative Receiver Input
5
RFI2
15
AI
Receiver Input 2 (for Antenna Capacitor 2)
VSS
16
G
Power Supply Ground
A = Analog, D = Digital, P = Power, G = Ground, I = Input, O = Output, NC = Not Connected
Notes:
1) Pin 4 between QOM and QI must be connected to IC’s filtered VDD (pin 1) to eliminate TSSOP package
lead frame parasitic capacitances disturbing the crystal filter performance and minimizing noise coupling. All
other NC (Not Connected) type pins are recommended to be connected to VSS.
2) PDN1 = VDD and PDN2 = VDD means receiver off
-
Fast start-up is triggered when the receiver is after power down controlled to power on
3) OUT = VSS when carrier amplitude at maximum; OUT = VDD when carrier amplitude is reduced
(modulated)
-
The output is a current source/sink with |IOUT| > 5 µA
-
At power down the output is pulled to VSS (pull down switch)
4) AON = VSS means AGC off (hold current gain level); AON = VDD means AGC on (normal operation)
-
Unused AON pad can be left unconnected due to internal pull-up with current < 1 µA. Pull up current is
switched off at power down.
5) Receiver inputs RFIP and RFIM have both 1.4 MΩ biasing resistors towards VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com