Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6181B Datasheet(PDF) 4 Page - Micro Analog systems

Part # MAS6181B
Description  AM Receiver IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6181B Datasheet(HTML) 4 Page - Micro Analog systems

  MAS6181B Datasheet HTML 1Page - Micro Analog systems MAS6181B Datasheet HTML 2Page - Micro Analog systems MAS6181B Datasheet HTML 3Page - Micro Analog systems MAS6181B Datasheet HTML 4Page - Micro Analog systems MAS6181B Datasheet HTML 5Page - Micro Analog systems MAS6181B Datasheet HTML 6Page - Micro Analog systems MAS6181B Datasheet HTML 7Page - Micro Analog systems MAS6181B Datasheet HTML 8Page - Micro Analog systems MAS6181B Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4 (14)
DA6181B.003
17 September, 2014
FREQUENCY SELECTION
The power down control and frequency selection
using internal antenna’s tuning capacitor switch
(RFI2) are achieved by two digital control pins
PDN1 and PDN2. The control logic is presented in
table 1.
Table 1. Frequency selection and power down control
PDN1
PDN2
RFI2 Switch
Description
High
High
Open
Power down
High
Low
Open
Antenna frequency 1
Low
High
Closed
Antenna frequency 2, RFI2 capacitor connected in parallel with antenna
Low
Low
Closed
Antenna frequency 2, RFI2 capacitor connected in parallel with antenna
If frequency 1 is selected the RFI2 switch is open
(non conductive). Antenna frequency is determined
by antenna inductor LANT (see Typical Application on
page 5), antenna capacitor CANT1 and parasitic
capacitances related to antenna coil, inputs RFIP,
RFIM
and
RFI2
(see
Antenna
Tuning
Considerations below). Frequency 1 is the highest
frequency of the two selected frequencies.
If frequency 2 is selected then RFI2 switch is closed
to connect CANT2 to pin RFIM in parallel with ferrite
antenna and tune it to frequency 2. Frequency 2 is
the
lowest
frequency
of
the
two
selected
frequencies.
It is recommended to switch the device to power
down for at least 50ms before switching to another
frequency. This guarantees fast startup in switching
to another frequency. During minimum 50ms power
down time the AGC capacitor voltage is completely
pulled to VDD to initialize proper startup conditions
for the AGC. Without the described proper fast
startup control the startup time can be several
minutes. With fast startup it is shortened typically to
a few seconds.
ANTENNA TUNING CONSIDERATIONS
The ferrite bar antenna having inductance LANT and
parasitic coil capacitance CCOIL is tuned to two
reception frequencies f1 and f2 by parallel capacitors
CANT1 and CANT2. The receiver input stage and
internal
antenna
capacitor
switches
have
capacitances CRFI and COFF2 which affect the
resonance frequencies. COFF2 is switch capacitance
when switch is open. When the antenna switch is
closed the off capacitance is shorted by on
resistance of the switch and it is effectively
eliminated. Following relationships can be written
for the two tuning frequencies.
Frequency f1 (highest frequency):
CTOT1~CCOIL+CANT1+CRFI+COFF2, assuming CANT2>>COFF2
1
1
2
1
TOT
ANT
C
L
f
⋅
=
π
Frequency f2 (lowest frequency):
CTOT2=CCOIL+CANT1+CANT2+CRFI
2
2
2
1
TOT
ANT
C
L
f
⋅
=
π



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com