Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6116 Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS6116
Description  Stereo Digital Volume Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6116 Datasheet(HTML) 2 Page - Micro Analog systems

  MAS6116 Datasheet HTML 1Page - Micro Analog systems MAS6116 Datasheet HTML 2Page - Micro Analog systems MAS6116 Datasheet HTML 3Page - Micro Analog systems MAS6116 Datasheet HTML 4Page - Micro Analog systems MAS6116 Datasheet HTML 5Page - Micro Analog systems MAS6116 Datasheet HTML 6Page - Micro Analog systems MAS6116 Datasheet HTML 7Page - Micro Analog systems MAS6116 Datasheet HTML 8Page - Micro Analog systems MAS6116 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2 (20)
DA6116.010
5 October, 2017
PIN CONFIGURATIONS
PIN DESCRIPTION
Pin Name
Pin
SO16
Type
Function
AVCC
1
P
Power Supply, for Analog
LMO
2
AI
External Amplifier Negative Input (Left)
LFO*
3
AI
Feedback Signal from External Amplifier Output (Left)
LIN*
4
AI
Input, Left Channel
LGND
5
AI
Signal Ground, Left Channel
XCS
6
DI
Chip Select Input of Serial Interface
DVCC
7
P
Power Supply, for Digital
XMUTE
8
DI
Mute Input
DATA
9
DIO
Data Input and Output of Serial Interface, Tristate
CCLK
10
DI
Clock Input of Serial Interface
DGND
11
G
Ground for Digital
RGND
12
AI
Signal Ground, Right Channel
RIN*
13
AI
Input, Right Channel
RFO*
14
AI
Feedback Signal from External Amplifier Output (Right)
RMO
15
AI
External Amplifier Negative Input (Right)
AGND
16
G
Ground for Analog
P = Power supply, G = Supply ground, A = Analog, D = Digital, I = Input, O = Output
*) Note: These pins have limited ESD protection. See Absolute Maximum Ratings on page 10 for further details.
AVCC
LMO
LFO
LIN
LGND
XCS
DVCC
XMUTE
AGND
RMO
RFO
RIN
RGND
DGND
CCLK
DATA
SO16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com