Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6116 Datasheet(PDF) 10 Page - Micro Analog systems

Part # MAS6116
Description  Stereo Digital Volume Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6116 Datasheet(HTML) 10 Page - Micro Analog systems

Back Button MAS6116 Datasheet HTML 6Page - Micro Analog systems MAS6116 Datasheet HTML 7Page - Micro Analog systems MAS6116 Datasheet HTML 8Page - Micro Analog systems MAS6116 Datasheet HTML 9Page - Micro Analog systems MAS6116 Datasheet HTML 10Page - Micro Analog systems MAS6116 Datasheet HTML 11Page - Micro Analog systems MAS6116 Datasheet HTML 12Page - Micro Analog systems MAS6116 Datasheet HTML 13Page - Micro Analog systems MAS6116 Datasheet HTML 14Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10 (20)
DA6116.010
5 October, 2017
ABSOLUTE MAXIMUM RATINGS
All voltages with respect to ground.
Parameter
Symbol
Conditions
Min
Max
Unit
Signal Voltage
RIN, RFO, LIN, LFO
-20
+20
V
Positive Supply Voltage
AVCC, DVCC
-0.5
+6.0
V
All other pins
DATA, CLK, XCS,
XMUTE
Note 2.
-0.3
AVCC
+0.3
V
Storage Temperature
TS
-55
+125
oC
Operating Temperature
TA
-40
+95
oC
ESD Rating
(JEDEC JS-001-2017)
VHBM
Pins 3 (LFO), 4 (LIN), 13
(RIN) and 14 (RFO)
500
V
All other pins
1000
Note 2. Pin voltage must not exceed +6V under any circumstances.
Operation at maximum conditions will not damage the part but performance cannot be guaranteed. Stresses beyond those listed may cause
permanent damage to the device.
RECOMMENDED OPERATION CONDITIONS
(AVCC=+5.0 V, AGND=0 V, TA=+25oC unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Signal Voltage
RIN, RFO, LIN, LFO
-18
+18
V
Virtual Ground Voltage
RMO, LMO
-0.1
0
+0.1
V
Positive Supply Voltage
AVCC,DVCC
4.5
5
5.5
V
Negative Supply Voltage
AGND,DGND
0
V
Signal Grounds
LGND,RGND
0
V
Operating Temperature
TA
-30
+25
+85
oC
ANALOG CHARACTERISTICS
 Analog Inputs/Outputs
(AVCC=+5.0 V, AGND=0 V, TA=+25oC unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input impedance
RIN
Average impedance, note 3.
7
10
13
k
Input capacitance
CIN
For any gain value
2
pF
Input offset voltage
VIH
External OpAmp, Gain = 15.5 dB
Note 4.
0.23
mV
Supply current
IVCC
AVCC+DVCC
0.6
2.2
mA
Power supply
rejection ratio1
PSRR
From AVCC
80
dB
Note 3. Average input impedance is calculated as an average of the impedance measured for all gain values.
Note 4. Output offset voltage depends on external opamp and selected gain. Low input offset voltage and input bias current opamp is
recommended to be used for minimum output offset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com