Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6116 Datasheet(PDF) 12 Page - Micro Analog systems

Part # MAS6116
Description  Stereo Digital Volume Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6116 Datasheet(HTML) 12 Page - Micro Analog systems

Back Button MAS6116 Datasheet HTML 8Page - Micro Analog systems MAS6116 Datasheet HTML 9Page - Micro Analog systems MAS6116 Datasheet HTML 10Page - Micro Analog systems MAS6116 Datasheet HTML 11Page - Micro Analog systems MAS6116 Datasheet HTML 12Page - Micro Analog systems MAS6116 Datasheet HTML 13Page - Micro Analog systems MAS6116 Datasheet HTML 14Page - Micro Analog systems MAS6116 Datasheet HTML 15Page - Micro Analog systems MAS6116 Datasheet HTML 16Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12 (20)
DA6116.010
5 October, 2017
ANALOG CHARACTERISTICS
 Peak Level Detection
(AVCC=+5.0 V, AGND=0 V, TA=+25oC unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Peak detector
minimum level
VMIN
PD reference = 0
0
18
500
mV
Peak detector
maximum level
VMAX
PD reference = 255
18
18.5
20
V
Peak detector step
size
VSTEP
60
72.5
90
mV
 Zero Cross Detection Timeout
(AVCC=+5.0 V, AGND=0 V, TA=+25oC unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Zero cross
detection timeout
TDEL
15
22
30
ms
Figure 1. A-Weighted Noise in Balanced Configuration (gain=0dB)
Figure 2. A-Weighted Noise in Unbalanced Configuration (gain=0dB)
Figure 3. THD in Balanced Configuration (fin=1kHz, gain=0dB)
Figure 4. THD in Unbalanced Configuration (fin=1kHz, gain=0dB)
Figure 5. Crosstalk Measurement (Vin=5Vrms, gain=0dB)
Noise [dBV] in Balanced Configuration
-120
-90
-60
-30
0
-120
-100
-80
-60
-40
-20
0
20
Gain [dB]
Noise [dBV] in Unbalanced Configuration
-120
-90
-60
-30
0
-120
-100
-80
-60
-40
-20
0
20
Gain [dB]
THD [%] in Balanced Configuration
0.0001
0.0010
0.0100
0.1000
1.0000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Vin [Vrms]
THD [%] in Unbalanced Configuration
0.0001
0.0010
0.0100
0.1000
1.0000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Vin [Vrms]
Crosstalk [dB]
-120
-90
-60
-30
0
10
100
1000
10000
100000
Frequency [Hz]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com