Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6116 Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS6116
Description  Stereo Digital Volume Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6116 Datasheet(HTML) 1 Page - Micro Analog systems

  MAS6116 Datasheet HTML 1Page - Micro Analog systems MAS6116 Datasheet HTML 2Page - Micro Analog systems MAS6116 Datasheet HTML 3Page - Micro Analog systems MAS6116 Datasheet HTML 4Page - Micro Analog systems MAS6116 Datasheet HTML 5Page - Micro Analog systems MAS6116 Datasheet HTML 6Page - Micro Analog systems MAS6116 Datasheet HTML 7Page - Micro Analog systems MAS6116 Datasheet HTML 8Page - Micro Analog systems MAS6116 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1 (20)
DA6116.010
5 October, 2017
MAS6116
Stereo Digital Volume Control
Signal Voltage up to ± 18V
Gain range from -111.5dB to +15.5dB
Small step sizes 0.5dB
THD 0.0002% in balanced mode
SNR 124dB in balanced mode
DESCRIPTION
MAS6116 is an ultra low noise stereo volume control
IC for high end audio systems. It can work with input
signals as high as ± 18 V but operates from a single
+5V supply with minimal power.
It has a serial interface that controls two audio
channels independently. The gain of each channel
can be programmed from -111.5dB to +15.5dB in
small 0.5dB steps. It is highly linear, especially in
single channel balanced configuration with just
0.0002% THD.
Audible “Clicks” on gain changes are eliminated by
changing gains only during a zero crossing in the
input signal.
A peak detection circuit allows easy monitoring of the
output signal.
The MAS6116 is available in a 16 pin SOIC
package. Its performance is guaranteed over a
temperature range of -30
°C to +85°C.
FEATURES
APPLICATION
Input signal voltage up to ± 18V
Gain range from -111.5dB to +15.5dB
Small and equal gain step size 0.5dB
0.0002% THD in balanced mono configuration
Dynamic range 121 dB stereo configuration
Two independent channels
Zero cross detection for gain changes
Power on/off transient suppression
Signal peak level detection with adjustable
reference
Instant gain change option
Hardware and software mute function
Single +5V operation
Low power consumption 12mW
High End Audio Systems
Consumer Audio /Entertainment Systems
Mixing Desks
Audio Recording Equipment


Similar Part No. - MAS6116

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS6116 MAS-MAS6116 Datasheet
208Kb / 18P
Stereo Digital Volume Control
MAS6116AA1SA306 MAS-MAS6116AA1SA306 Datasheet
208Kb / 18P
Stereo Digital Volume Control
MAS6116AA1SA308 MAS-MAS6116AA1SA308 Datasheet
208Kb / 18P
Stereo Digital Volume Control
More results

Similar Description - MAS6116

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8816 WOLFSON-WM8816 Datasheet
368Kb / 12P
Stereo Digital Volume Control
logo
Cirrus Logic
CS3310 CIRRUS-CS3310 Datasheet
224Kb / 18P
Stereo Digital Volume Control
FEB 99
logo
Micro Analog systems
MAS9116 MAS-MAS9116 Datasheet
1Mb / 18P
Stereo Digital Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
Stereo Audio Volume Control
logo
Wolfson Microelectronic...
WM8816 WOLFSON-WM8816_04 Datasheet
163Kb / 13P
Stereo Digital Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_08 Datasheet
381Kb / 17P
Stereo Audio Volume Control
logo
Micro Analog systems
MAS6116 MAS-MAS6116 Datasheet
208Kb / 18P
Stereo Digital Volume Control
logo
Cirrus Logic
CS3310 CIRRUS-CS3310_05 Datasheet
277Kb / 17P
Stereo Digital Volume Control
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
Stereo Audio Volume Control
logo
Shenzhenshi YONGFUKANG ...
CP4811 YONGFUKANG-CP4811 Datasheet
202Kb / 7P
Digital volume control stereo headphone amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com