Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1712IGN Datasheet(PDF) 1 Page - Linear Technology

Part # LT1712IGN
Description  Single/Dual 4.5ns, 3V/5V, Rail-to-Rail Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1712IGN Datasheet(HTML) 1 Page - Linear Technology

  LT1712IGN Datasheet HTML 1Page - Linear Technology LT1712IGN Datasheet HTML 2Page - Linear Technology LT1712IGN Datasheet HTML 3Page - Linear Technology LT1712IGN Datasheet HTML 4Page - Linear Technology LT1712IGN Datasheet HTML 5Page - Linear Technology LT1712IGN Datasheet HTML 6Page - Linear Technology LT1712IGN Datasheet HTML 7Page - Linear Technology LT1712IGN Datasheet HTML 8Page - Linear Technology LT1712IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1711/LT1712
Single/Dual 4.5ns, 3V/5V/
±5V,
Rail-to-Rail Comparators
The LT
®1711/LT1712 are UltraFastTM 4.5ns comparators
featuring rail-to-rail inputs, rail-to-rail complementary out-
puts and an output latch. Optimized for 3V and 5V power
supplies, they operate over a single supply voltage range
from 2.4V to 12V or from
±2.4V to ±6V dual supplies.
The LT1711/LT1712 are designed for ease of use in a
variety of systems. In addition to wide supply voltage
flexibility, rail-to-rail input common mode range extends
100mV beyond both supply rails, and the outputs are
protected against phase reversal for inputs extending
further beyond the rails. Also, the rail-to-rail inputs may be
taken to opposite rails with no significant increase in input
current. The rail-to-rail matched complementary outputs
interface directly to TTL or CMOS logic and can sink 10mA
to within 0.5V of GND or source 10mA to within 0.7V of V +.
The LT1711/LT1712 have internal TTL/CMOS compatible
latches for retaining data at the outputs. Each latch holds
data as long as the latch pin is held high. Latch pin
hysteresis provides protection against slow moving or
noisy latch signals. The LT1711 is available in the 8-pin
MSOP package. The LT1712 is available in the 16-pin
narrow SSOP package.
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
High Speed Automatic Test Equipment
s
Current Sense for Switching Regulators
s
Crystal Oscillator Circuits
s
High Speed Sampling Circuits
s
High Speed A/D Converters
s
Pulse Width Modulators
s
Window Comparators
s
Extended Range V/F Converters
s
Fast Pulse Height/Width Discriminators
s
Line Receivers
s
High Speed Triggers
UltraFast is a trademark of Linear Technology Corporation.
LT1711/LT1712 Propagation Delay
vs Input Overdrive
s
Ultrafast: 4.5ns at 20mV Overdrive
5.5ns at 5mV Overdrive
s
Rail-to-Rail Inputs
s
Rail-to-Rail Complementary Outputs (TTL/CMOS
Compatible)
s
Specified at 2.7V, 5V and
±5V Supplies
s
Output Latch
s
Inputs Can Exceed Supplies Without Phase Reversal
s
LT1711: 8-Lead MSOP Package
s
LT1712: 16-Lead Narrow SSOP Package
171112 TA01
–
+
LT1711
5V
390
Ω
200pF
* 1% FILM RESISTOR
** NORTHERN ENGINEERING LABS C-2350N-14.31818MHz
5V
FREQUENCY
OUTPUT
3.9k*
VIN
0V TO 5V
1M
MV-209
VARACTOR
DIODE
2k
2k
100pF
15pF
Y1**
100pF
0.047
µF
C SELECT
(CHOOSE FOR CORRECT
PLL LOOP RESPONSE)
1M
1M
1M*
1N4148
LT1004-2.5
47k*
1k*
A 4
× NTSC Subcarrier Voltage-Tunable Crystal Oscillator
INPUT OVERDRIVE (mV)
0
3.5
4.0
4.5
tPD
+
tPD
–
30
50
171112 TA02
3.0
10
20
40
5.0
5.5
6.0
60
TA = 25°C
V+ = 5V
V – = 0V
VSTEP = 100mV
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT1712IGN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT1712 ETC1-LT1712 Datasheet
61Kb / 1P
UNDERSTANDING THE SUBJECT IS CUSTOMER SERVICE
logo
Linear Technology
LT1712 LINER-LT1712_15 Datasheet
226Kb / 12P
Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
More results

Similar Description - LT1712IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1719 LINER-LT1719 Datasheet
217Kb / 16P
4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
LT1720 LINER-LT1720 Datasheet
317Kb / 28P
Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
LT1713 LINER-LT1713 Datasheet
232Kb / 16P
Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
LT1719 LINER-LT1719_1 Datasheet
215Kb / 20P
4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
logo
Maxim Integrated Produc...
MAX9140 MAXIM-MAX9140_10 Datasheet
342Kb / 15P
40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 1/10
logo
Linear Technology
LT1711 LINER-LT1711_15 Datasheet
226Kb / 12P
Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1712 LINER-LT1712_15 Datasheet
226Kb / 12P
Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1719 LINER-LT1719_15 Datasheet
220Kb / 22P
4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
LT1720 LINER-LT1720_15 Datasheet
273Kb / 28P
Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
LT1721 LINER-LT1721_15 Datasheet
273Kb / 28P
Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com