Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1712IGN Datasheet(PDF) 12 Page - Linear Technology

Part # LT1712IGN
Description  Single/Dual 4.5ns, 3V/5V, Rail-to-Rail Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1712IGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1712IGN Datasheet HTML 4Page - Linear Technology LT1712IGN Datasheet HTML 5Page - Linear Technology LT1712IGN Datasheet HTML 6Page - Linear Technology LT1712IGN Datasheet HTML 7Page - Linear Technology LT1712IGN Datasheet HTML 8Page - Linear Technology LT1712IGN Datasheet HTML 9Page - Linear Technology LT1712IGN Datasheet HTML 10Page - Linear Technology LT1712IGN Datasheet HTML 11Page - Linear Technology LT1712IGN Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LT1711/LT1712
PART NUMBER
DESCRIPTION
COMMENTS
LT1016
UltraFast Precision Comparator
Industry Standard 10ns Comparator
LT1116
12ns Single Supply Ground Sensing Comparator
Single Supply Version of the LT1016
LT1394
7ns, UltraFast Single Supply Comparator
6mA Single Supply Comparator
LT1671
60ns, Low Power, Single Supply Comparator
450
µA Single Supply Comparator
LT1713/LT1714
Single/Dual 7ns, Low Power, 3V/5V/
±5V, R-R Comparator
7ns/5mA versions of the LT1711/LT1712
LT1719
4.5ns, Single Supply 3V/5V/
±5V Comparator
4mA Comparator with Rail-to-Rail Outputs and Level Shifting
LT1720/LT1721
Dual/Quad, 4.5ns, Single Supply Comparator
Dual/Quad Version of the LT1719
©LINEAR TECHNOLOGY CORPORATION 2001
171112f LT/TP 0401 4K • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
RELATED PARTS
Figure 7. LT1711 Comparator is Configured as a Series
Resonant Xtal Oscillator. LT1806 Op Amp is Configured
in a Q = 5 Bandpass with fC = 1MHz
3V/DIV
1V/DIV
1V/DIV
200ns/DIV
171112 F08
Figure 8. Oscillator Waveforms with VS = 3V. Top is
Comparator Output. Middle is Xtal Feedback to Pin 2 at
LT1711 (Note the Glitches). Bottom is Buffered, Inverted
and Bandpass Filtered with a Q = 5 by LT1806
1MHz Series Resonant Crystal Oscillator
with Square and Sinusoid Outputs
Figure 7 shows a classic 1MHz series resonant crystal
oscillator. At series resonance, the crystal is a low imped-
ance and the positive feedback connection is what brings
about oscillation at the series resonant frequency. The RC
feedback around the other path ensures that the circuit
does not find a stable DC operating point and refuse to
oscillate. The comparator output is a 1MHz square wave
(top trace of Figure 8) with jitter measured at better than
28psRMS on a 5V supply and 40psRMS on a 3V supply. At
Pin 2 of the comparator, on the other side of the crystal, is
a clean sine wave except for the presence of the small high
TYPICAL APPLICATIO
frequency glitch (middle trace of Figure 8). This glitch is
caused by the fast edge of the comparator output feeding
back through crystal capacitance. Amplitude stability of
the sine wave is maintained by the fact that the sine wave
is basically a filtered version of the square wave. Hence,
the usual amplitude control loops associated with sinusoi-
dal oscillators are not necessary.2 The sine wave is filtered
and buffered by the fast, low noise LT1806 op amp. To
remove the glitch, the LT1806 is configured as a bandpass
filter with a Q of 5 and unity-gain center frequency of
1MHz, with its output shown as the bottom trace of
Figure 8. Distortion was measured at – 70dBc and – 60dBc
on the second and third harmonics, respectively.
2 Amplitude will be a linear function of comparator output swing, which is supply dependent
and therefore adjustable. The important difference here is that any added amplitude
stabilization or control loop will not be faced with the classical task of avoiding regions of
nonoscillation versus clipping.
–
+
LT1711
2
3
6
LE
5
1
R1
1k
VS
VS
VS
7
8
SQUARE
171112 F07
SINE
R3
1k
C1
0.1
µF
4
R2
1k
R4
210
Ω
1
6
2
3
4
7
R8
2k
VS
1MHz
AT-CUT
R9
2k
R7
15.8k
R10
1k
R6
162
Ω
C2
0.1
µF
C3
100pF
C4
100pF
C5
100pF
–
+
LT1806S8
R5
6.49k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com