Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1712IGN Datasheet(PDF) 5 Page - Linear Technology

Part # LT1712IGN
Description  Single/Dual 4.5ns, 3V/5V, Rail-to-Rail Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1712IGN Datasheet(HTML) 5 Page - Linear Technology

  LT1712IGN Datasheet HTML 1Page - Linear Technology LT1712IGN Datasheet HTML 2Page - Linear Technology LT1712IGN Datasheet HTML 3Page - Linear Technology LT1712IGN Datasheet HTML 4Page - Linear Technology LT1712IGN Datasheet HTML 5Page - Linear Technology LT1712IGN Datasheet HTML 6Page - Linear Technology LT1712IGN Datasheet HTML 7Page - Linear Technology LT1712IGN Datasheet HTML 8Page - Linear Technology LT1712IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1711/LT1712
TYPICAL PERFOR A CE CHARACTERISTICS
Propagation Delay
vs Load Capacitance
Propagation Delay
vs Input Common Mode Voltage
Propagation Delay
vs Positive Supply Voltage
Positive Supply Current
vs Positive Supply Voltage
Negative Supply Current
vs Negative Supply Voltage
Positive Supply Current
vs Switching Frequency
Input Bias Current
vs Input Common Mode Voltage
Input Offset Voltage vs
Temperature
Propagation Delay vs
Temperature
TEMPERATURE (
°C)
–50
2.5
2.0
1.5
1.0
0.5
0
– 0.5
– 1.0
– 1.5
– 2.0
– 2.5
0
50
75
171112 G01
–25
25
100
125
VCM = 2.5V
VCM = 5V
VCM = 0V
V+ = 5V
V – = 0V
LOAD CAPACITANCE (pF)
0
60
100
171112 G02
20
10
9
8
7
tPD
+
6
5
4
3
40
80
120
tPD
–
TA = 25°C
V+ = 5V
V – = 0V
VCM = 2.5V
VOD = 20mV
VSTEP = 100mV
TEMPERATURE (
°C)
–50
100
171112 G03
050
8
7
6
5
4
3
2
1
0
–25
25
75
125
tPD
+
tPD
–
V+ = 5V
V – = 0V
VCM = 2.5V
VOD = 20mV
VSTEP = 100mV
CLOAD = 10pF
INPUT COMMON MODE (V)
–1
5.5
2
171112 G04
4.5
01
3
3.5
3.0
6.0
5.0
4.0
456
tPD
–
tPD
+
TA = 25°C
V+ = 5V
V – = 0V
VOD = 20mV
VSTEP = 100mV
CLOAD = 10pF
2
4
68
10
POSITIVE SUPPLY VOLTAGE (V)
0
5.5
171112 G05
4.0
3.0
6.0
5.0
4.5
3.5
tPD
–
tPD
+
TA = 25°C
V – = 0V
VCM = 2.5V
VOD = 20mV
VSTEP = 100mV
CLOAD = 10pF
POSITIVE SUPPLY VOLTAGE (V)
0
25
20
15
10
5
0
2
46
8
171112 G06
10
12
V – = – 5V
∆VIN = 100mV
IOUT = 0mA
I+ AT –55
°C
I+ AT 25
°C
I+ AT 85
°C
V – = 0V
SWITCHING FREQUENCY (MHz)
0
40
30
20
10
0
10
20
30
40
171112 G07
50
60
TA = 25°C
V+ = 5V
V – = 0V
CLOAD = 10pF
NEGATIVE SUPPLY VOLTAGE (V)
0
14
12
10
8
6
4
2
0
–3
–5
171112 G08
–1
–2
–4
–6
–7
I – AT –55
°C
I – AT 25
°C
I – AT 85
°C
V += 5V
∆VIN = 100mV
IOUT = 0mA
INPUT COMMON MODE VOLTAGE (V)
–1
–2
4
10
24
6
171112 G09
–8
–14
–20
01
3
5
V+ = 5V
V – = 0V
∆VIN = 0mV
IB AT –55°C
IB AT 25°C
IB AT 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com