Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1712IGN Datasheet(PDF) 6 Page - Linear Technology

Part # LT1712IGN
Description  Single/Dual 4.5ns, 3V/5V, Rail-to-Rail Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1712IGN Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1712IGN Datasheet HTML 2Page - Linear Technology LT1712IGN Datasheet HTML 3Page - Linear Technology LT1712IGN Datasheet HTML 4Page - Linear Technology LT1712IGN Datasheet HTML 5Page - Linear Technology LT1712IGN Datasheet HTML 6Page - Linear Technology LT1712IGN Datasheet HTML 7Page - Linear Technology LT1712IGN Datasheet HTML 8Page - Linear Technology LT1712IGN Datasheet HTML 9Page - Linear Technology LT1712IGN Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1711/LT1712
TYPICAL PERFOR A CE CHARACTERISTICS
Output High Voltage
vs Source Current
Output Timing Jitter
vs Switching Frequency
Output Rising Edge, 5V Supply
Output Falling Edge, 5V Supply
VIN
Q
VIN
Q
Output Low Voltage
vs Sink Current
Input Bias Current vs
Temperature
PI FU CTIO S
V + (Pins 1): Positive Supply Voltage, Usually 5V.
+ IN (Pin 2): Noninverting Input.
– IN (Pin 3): Inverting Input.
V – (Pins 4): Negative Supply Voltage, Usually 0V or – 5V.
LATCH ENABLE (Pin 5): Latch Enable Input. With a logic
high, the output is latched.
TEMPERATURE (
°C)
–50
100
171112 G10
050
0
–1
–2
–3
–4
–5
–6
–7
–8
–25
25
75
125
V+ = 5V
V – = 0V
VCM = 2.5V
SOURCE CURRENT (mA)
0.1
5.0
4.9
4.8
4.7
4.6
4.5
4.4
4.3
4.2
4.1
4.0
1.0
10
100
171112 G11
V+ = 5V
V – = 0V
∆VIN = 100mV
VOH AT –55°C
VOH AT 25°C
VOH AT 125°C
SINK CURRENT (mA)
0.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1.0
10
100
171112 G12
VOL AT –55°C
VOL AT 25°C
VOL AT 125°C
V+ = 5V
V – = 0V
∆VIN = 100mV
FREQUENCY (MHz)
0
100
90
80
70
60
50
40
30
30
10
0
80
171112 G13
20
40
60
100
TA = 25°C
V+ = 5V
V – = 0V
VCM = 2.5V
VIN = 630mVP-P
(0dBm) SINE WAVE
GND (Pin 6): Ground Supply Voltage, Usually 0V.
Q (Pin 7): Noninverting Output.
Q (Pin 8): Inverting Output.
LT1711
171112 G14
171112 G15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com