Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLDS60 Datasheet(PDF) 2 Page - CUI INC

Part # PLDS60
Description  LED DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PLDS60 Datasheet(HTML) 2 Page - CUI INC

  PLDS60 Datasheet HTML 1Page - CUI INC PLDS60 Datasheet HTML 2Page - CUI INC PLDS60 Datasheet HTML 3Page - CUI INC PLDS60 Datasheet HTML 4Page - CUI INC PLDS60 Datasheet HTML 5Page - CUI INC PLDS60 Datasheet HTML 6Page - CUI INC PLDS60 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
cui.com
date 09/23/2014
page 2 of 7
CUI Inc
│ SERIES: PLDS60 │ DESCRIPTION: LED DRIVER
INPUT
parameter
conditions/description
min
typ
max
units
voltage
90
127
305
420
Vac
Vdc
frequency
47
63
Hz
current
at 110 Vac, 59W
at 230 Vac, 59W
0.6
0.31
A
A
inrush current
at 110/240 Vac, cold start, 25°C
60
A
leakage current
at 277 Vac
0.75
mA
power factor correction
at 115 Vac/230 Vac, 60~100% load
0.9
no load power consumption
at 230 Vac
1.5
W
OUTPUT
parameter
conditions/description
min
typ
max
units
current line regulation
measured from high line to low line at 90% load
±1
%
current load regulation
measured from 10~90% load
±2
%
constant current accuracy
±5
%
voltage accuracy
at 90% rated current
±1
%
adjustability1
Vout
Iout
60
±10
100
%
%
switching frequency
at 100% rated current
75
kHz
start-up time
at 90~305 Vac
2.5
s
rise time
at 90~305 Vac
50
ms
hold-up time
at 115 Vac
16
ms
temperature coefficient
±0.05
%/°C
Notes:
1. adjustability option only available on IP65 rated models via built-in potentiometer
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
TVS clamp, auto recovery
over current protection
hiccup mode
short circuit protection
hiccup mode, auto recovery
over temperature protection
110
°C
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output, for 1 minute
input to ground, for 1 minute
output to ground, for 1 minute
3,750
1,875
500
Vac
Vac
Vac
isolation resistance
100
safety approvals
UL8750, IEC/EN61347-1, IEC/EN61347-2-13
DALI
IEC62386-102, IEC62386-207
EMI/EMC
EN55015, CISPR22, EN61547, EN61000-3-2 Class C (>60% load),
EN61000-3-3, EN61000-4-2 Criteria A
MTBF
as per MIL-HDBK-217F, at 25°C, 115 Vac
150,000
hours
RoHS
2011/65/EU
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com