Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLDS60 Datasheet(PDF) 3 Page - CUI INC

Part # PLDS60
Description  LED DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PLDS60 Datasheet(HTML) 3 Page - CUI INC

  PLDS60 Datasheet HTML 1Page - CUI INC PLDS60 Datasheet HTML 2Page - CUI INC PLDS60 Datasheet HTML 3Page - CUI INC PLDS60 Datasheet HTML 4Page - CUI INC PLDS60 Datasheet HTML 5Page - CUI INC PLDS60 Datasheet HTML 6Page - CUI INC PLDS60 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
cui.com
date 09/23/2014
page 3 of 7
CUI Inc
│ SERIES: PLDS60 │ DESCRIPTION: LED DRIVER
SJTW
ACL(Brown)
ACN(Blue)
FG
(Green/Yellow)
2
Vo+(Red)
Vo-(Black)
SJTW 18AWG(0.75mm )x3C
MECHANICAL DRAWING
units: inches[mm]
tolerance: ±0.02[±0.5]
unless otherwise specified
MODELS WITH DIMMING
SJTW
DIM+(Blue)
DIM-(White)
Vo+(Red)
Vo-(Black)
ACL(Brown)
ACN(Blue)
FG
(Green/Yellow)
2
SJTW 18AWG(0.75mm )x3C
units: inches[mm]
tolerance: ±0.02[±0.5]
unless otherwise specified
MODELS WITHOUT DIMMING
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curves
-40
70
°C
storage temperature
-40
85
°C
operating altitude
2,000
m
vibration
15~2000 Hz, 60 min. along each X, Y, and Z axes
4
G
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
8.15 x 1.575 x 1.102 (207 x 40 x 28 mm)
inches
weight
454
g
INPUT WIRE CONNECTIONS
Color
Function
Brown
ACL
Blue
ACN
Green/
Yellow
FG
INPUT WIRE CONNECTIONS
Color
Function
Brown
ACL
Blue
ACN
Green/
Yellow
FG
OUTPUT WIRE CONNECTIONS
Color
Function
Red
Vo+
Black
Vo-
OUTPUT WIRE CONNECTIONS
Color
Function
Red
Vo+
Black
Vo-
Blue1
DIM+/DA+
White1
DIM-/DA-
Note: 1. DALI models are marked with “DA”
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com