Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLDS60 Datasheet(PDF) 4 Page - CUI INC

Part # PLDS60
Description  LED DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PLDS60 Datasheet(HTML) 4 Page - CUI INC

  PLDS60 Datasheet HTML 1Page - CUI INC PLDS60 Datasheet HTML 2Page - CUI INC PLDS60 Datasheet HTML 3Page - CUI INC PLDS60 Datasheet HTML 4Page - CUI INC PLDS60 Datasheet HTML 5Page - CUI INC PLDS60 Datasheet HTML 6Page - CUI INC PLDS60 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
cui.com
date 09/23/2014
page 4 of 7
CUI Inc
│ SERIES: PLDS60 │ DESCRIPTION: LED DRIVER
DERATING CURVES
EFFICIENCY CURVES
100
80
60
40
20
Ambient Temperature (°C)
Output Current
Output Current
70
50
40
20
0
-20
-40
50%
5%
0.99
0.98
0.97
0.96
0.95
0.94
0.93
0.92
0.91
0.90
1.00
10%
15%
20%
25%
30%
35%
40%
45%
50%
65%
75%
85%
95% 100%
50%
60%
70%
80%
90%
100%
50
60
80
100
Temperature Derating Curve
PF vs. Output Current
THD vs. Output Current
Safe operating area
Efficiency vs. Output Current
(PLDS60-A-277)
Efficiency vs. Output Current
(PLDS60-B-277)
Efficiency vs. Output Current
(PLDS60-C-277)
Efficiency vs. Output Current
(PLDS60-D-277)
Output Current
Output Current
Output Current
Output Current
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com