Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLDS60 Datasheet(PDF) 6 Page - CUI INC

Part # PLDS60
Description  LED DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PLDS60 Datasheet(HTML) 6 Page - CUI INC

  PLDS60 Datasheet HTML 1Page - CUI INC PLDS60 Datasheet HTML 2Page - CUI INC PLDS60 Datasheet HTML 3Page - CUI INC PLDS60 Datasheet HTML 4Page - CUI INC PLDS60 Datasheet HTML 5Page - CUI INC PLDS60 Datasheet HTML 6Page - CUI INC PLDS60 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
cui.com
date 09/23/2014
page 6 of 7
CUI Inc
│ SERIES: PLDS60 │ DESCRIPTION: LED DRIVER
2. Output Voltage/Output Current Adjustment
For the PLDS60-X-277XXB models there are two potentiometers to adjust the output voltage/output current. Each potentiometer has
11 tick marks, please refer to the below diagram and tables for specific values. Maximum output power is 60W.
Note:
1. All specifications are measured at Ta=25°C, 115/230 Vac input voltage, and 75% rated output load unless otherwise specified.
APPLICATION NOTES (CONTINUED)
A
A
DETAIL VIEW
11
10
9
8
7
6
1
2
3
4
5
11
10
9
8
7
6
1
2
3
4
5
Output Current (Iout)
Tick #
PLDS60-A-277XXB
PLDS60-B-277XXB
PLDS60-C-277XXB
PLDS60-D-277XXB
1
5.4A
2.6A
2.0A
1.33A
2
5.4A
2.6A
2.0A
1.33A
3
5.1A
2.5A
1.9A
1.27A
4
4.9A
2.3A
1.8A
1.18A
5
4.6A
2.2A
1.7A
1.14A
6
4.3A
2.0A
1.5A
1.00A
7
3.9A
1.9A
1.3A
0.97A
8
3.5A
1.7A
1.2A
0.89A
9
3.2A
1.6A
1.1A
0.81A
10
2.9A
1.4A
0.9A
0.70A
11
2.8A
1.3A
0.9A
0.70A
Output Voltage (Vout)
Tick #
PLDS60-A-277XXB
PLDS60-B-277XXB
PLDS60-C-277XXB
PLDS60-D-277XXB
1
10.6V
21.3V
31.6V
43.1V
2
10.6V
21.3V
31.6V
43.1V
3
10.9V
21.7V
32.2V
43.9V
4
11.1V
22.3V
33.2V
44.2V
5
11.3V
22.8V
34.1V
45.1V
6
11.6V
23.5V
35.2V
46.3V
7
12.0V
24.2V
36.4V
47.3V
8
12.5V
25.0V
37.5V
48.9V
9
12.8V
25.6V
38.8V
50.9V
10
13.1V
26.4V
40.0V
53.2V
11
13.3V
26.6V
40.3V
53.4V
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com