Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTLC9152RGPL Datasheet(PDF) 3 Page - Finisar Corporation.

Part # FTLC9152RGPL
Description  100m 100G QSFP28 SWDM4 Optical Transceiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLC9152RGPL Datasheet(HTML) 3 Page - Finisar Corporation.

  FTLC9152RGPL Datasheet HTML 1Page - Finisar Corporation. FTLC9152RGPL Datasheet HTML 2Page - Finisar Corporation. FTLC9152RGPL Datasheet HTML 3Page - Finisar Corporation. FTLC9152RGPL Datasheet HTML 4Page - Finisar Corporation. FTLC9152RGPL Datasheet HTML 5Page - Finisar Corporation. FTLC9152RGPL Datasheet HTML 6Page - Finisar Corporation. FTLC9152RGPL Datasheet HTML 7Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FTLC9152RGPL Product Specification – September 2017
 Finisar Corporation – 23-Sep-17 Rev. B1 Finisar Confidential
Page 3
30
Vcc1
+3.3 V Power Supply
31
LPMode
Low Power Mode
32
GND
Ground
1
33
Tx3p
Transmitter Non-Inverted Data Input
34
Tx3n
Transmitter Inverted Data Input
35
GND
Ground
1
36
Tx1p
Transmitter Non-Inverted Data Input
37
Tx1n
Transmitter Inverted Data Input
38
GND
Ground
1
Notes
1.
Circuit ground is internally isolated from chassis ground.
II.
Absolute Maximum Ratings
Module performance is not guaranteed beyond the standard operating range (see Section
VI). Exceeding the limits below may damage the transceiver module permanently.
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Maximum Supply Voltage
Vcc
-0.5
3.6
V
Storage Temperature
TS
-40
85
C
Case Operating Temperature
TOP
0
70
C
1
Relative Humidity
RH
15
85
%
2
Receiver Damage Threshold, per Lane
PRdmg
3.8
dBm
Notes:
1.
Temporary excursions case operating temperature of -5 to -75 C not exceeding 72 hours.
2.
Non-condensing.
III.
Electrical Characteristics (EOL, TOP = 0 to 70 C, VCC = 3.135 to 3.465 Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Supply Voltage
Vcc
3.135
3.465
V
Supply Current
Icc
1.5
A
Module total power
P
3.5
W
1
Transmitter
Signaling rate per lane
25.78125 ± 100ppm
Gb/s
Differential pk-pk input voltage
tolerance
Vin,pp,diff
900
mV
Single-ended voltage tolerance
Vin,pp
-0.35
+3.3
V
Module stress input test
Per Section 83E.3.4.1, IEEE
802.3bm
Receiver
Signaling rate per lane
25.78125 ± 100ppm
Gb/s
Differential data output swing
Vout,pp
100
400
mVpp
2
300
600
400
600
800
600
1200
Eye width
0.57
UI
Eye height, differential
228
mV
Vertical eye closure
VEC
5.5
dB
Transition time (20% to 80%)
tr, tf
12
ps
Notes:



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com