Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTLC9152RGPL Datasheet(PDF) 1 Page - Finisar Corporation.

Part # FTLC9152RGPL
Description  100m 100G QSFP28 SWDM4 Optical Transceiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLC9152RGPL Datasheet(HTML) 1 Page - Finisar Corporation.

  FTLC9152RGPL Datasheet HTML 1Page - Finisar Corporation. FTLC9152RGPL Datasheet HTML 2Page - Finisar Corporation. FTLC9152RGPL Datasheet HTML 3Page - Finisar Corporation. FTLC9152RGPL Datasheet HTML 4Page - Finisar Corporation. FTLC9152RGPL Datasheet HTML 5Page - Finisar Corporation. FTLC9152RGPL Datasheet HTML 6Page - Finisar Corporation. FTLC9152RGPL Datasheet HTML 7Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
 Finisar Corporation – 23-Sep-17 Rev. B1 Finisar Confidential
Page 1
Product Specification
100m 100G QSFP28 SWDM4 Optical Transceiver
FTLC9152RGPL
PRODUCT FEATURES
Hot-pluggable QSFP28 form factor
Supports 103.1Gb/s aggregate bit
rate
Power dissipation < 3.5W
RoHS-6 compliant
Commercial case temperature range
of 0°C to 70°C
Single 3.3V power supply
Maximum link length of 100m on
OM4 Duplex Multimode Fiber
(MMF)
4x25Gb/s 850mm VCSEL-based
transmitter
4x25G CAUI-4 electrical interface
Duplex LC receptacles
I2C management interface
APPLICATIONS
100G Ethernet over Duplex MMF
Finisar’s FTLC9152RGPL 100G QSFP28 transceiver modules are designed for use in
100G Ethernet links over duplex multimode fiber. They are compliant with the QSFP28
MSA1 and IEEE 802.3bm CAUI-42. Digital diagnostics functions are available via the
I2C interface, as specified by the QSFP28 MSA1 and Finisar Application Note AN-
21675. The transceiver is RoHS-6 compliant per Directive 2011/65/EU3, and Finisar
Application Note AN-20384.
PRODUCT SELECTION
FTLC9152RGPL
R:
100G Ethernet maximum bit rate (103.1Gb/s)
G:
4x25G coarse SWDM optics
P:
Pull tab release
L:
LC receptacles


Similar Part No. - FTLC9152RGPL

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
FTLC9152RGPL COHERENT-FTLC9152RGPL Datasheet
578Kb / 8P
100m 100G QSFP28 SWDM4 Optical Transceiver
More results

Similar Description - FTLC9152RGPL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLC1151SDPL FINISAR-FTLC1151SDPL Datasheet
672Kb / 8P
10km Multi-rate 100G QSFP28 Optical Transceiver Module
FTLC1152RGPL FINISAR-FTLC1152RGPL Datasheet
546Kb / 7P
100G CWDM4 QSFP28 Optical Transceiver Module
FTLC9551REPM FINISAR-FTLC9551REPM Datasheet
483Kb / 7P
100m Parallel MMF 100G QSFP28 Optical Transceiver
FTLC9551SEPM FINISAR-FTLC9551SEPM Datasheet
529Kb / 8P
100m Multirate Parallel MMF 100/128G QSFP28 Optical Transceiver
FCBN425QE1CXX FINISAR-FCBN425QE1CXX Datasheet
473Kb / 7P
100G Quadwire짰 QSFP28 Active Optical Cable
FTLC9558REPM FINISAR-FTLC9558REPM Datasheet
344Kb / 7P
100m Parallel MMF 100G QSFP28 Optical Transceiver
logo
ATGBICS by Approved Tec...
AOC-QSFP28-100G-15M-C ATGBICS-AOC-QSFP28-100G-15M-C Datasheet
637Kb / 10P
AOC-QSFP28-100G-15M Dell Compatible Active Optical Cable 100G QSFP28 (15m)
AOC-QSFP28-100G-20M-C ATGBICS-AOC-QSFP28-100G-20M-C Datasheet
637Kb / 10P
AOC-QSFP28-100G-20M Dell Compatible Active Optical Cable 100G QSFP28 (20m)
logo
List of Unclassifed Man...
QSFP28 ETC-QSFP28 Datasheet
746Kb / 5P
100m Parallel MMF 100G SR4 QSFP28 Optical Transceiver
logo
TE Connectivity Ltd
2368650 TEC-2368650 Datasheet
279Kb / 4P
100G QSFP28 Active Optical Cable
23 AUGUST 2022 Rev B
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com