Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTLC9152RGPL Datasheet(PDF) 4 Page - Finisar Corporation.

Part # FTLC9152RGPL
Description  100m 100G QSFP28 SWDM4 Optical Transceiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLC9152RGPL Datasheet(HTML) 4 Page - Finisar Corporation.

  FTLC9152RGPL Datasheet HTML 1Page - Finisar Corporation. FTLC9152RGPL Datasheet HTML 2Page - Finisar Corporation. FTLC9152RGPL Datasheet HTML 3Page - Finisar Corporation. FTLC9152RGPL Datasheet HTML 4Page - Finisar Corporation. FTLC9152RGPL Datasheet HTML 5Page - Finisar Corporation. FTLC9152RGPL Datasheet HTML 6Page - Finisar Corporation. FTLC9152RGPL Datasheet HTML 7Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FTLC9152RGPL Product Specification – September 2017
 Finisar Corporation – 23-Sep-17 Rev. B1 Finisar Confidential
Page 4
1.
Maximum total power value is specified across the full temperature and voltage range.
2.
Output voltage is settable in 4 discrete ranges via I2C. Default range is Range 2 (400 – 800 mV).
IV.
Optical Characteristics (EOL, TOP = 0 to 70C, VCC = 3.135 to 3.465 Volts)
Parameter
Symbol
λ1
λ2
λ3
λ4
Unit
Ref.
Transmitter
Signaling Speed per Lane
25.78125 ± 100ppm
Gb/s
1
Lane center wavelengths (range)
λ
850
880
910
940
nm
RMS Spectral Width
SW
0.59
0.59
0.59
0.59
nm
TxOMA min at max TDEC
-3
-3
-3
-2.9
dBm
TDEC (OM3)
TDEC
3.3
3.5
3.7
4.2
dB
TxOMA - TDEC
P-TDEC
-6.3
-6.5
-6.7
-7.1
dBm
TxOMA min
TxOMA
-5.5
-5.5
-5.5
-5.5
dBm
Relative Intensity Noise
RIN
-130
dB/Hz
2
Optical Extinction Ratio
ER
2
2
2
2
dB
Optical Return Loss Tolerance
ORL
12
dB
Average launch power of OFF
transmitter, per lane
-30
dBm
Transmitter eye mask definition {X1,
X2, X3, Y1, Y2, Y3}
{0.3,0.38,0.45,0.35,0.41,0.5}
3
Receiver
Signaling Speed per Lane
25.78125 ± 100ppm
GBd
4
Lane center wavelengths (range)
λ
850
880
910
940
nm
Damage Threshold
DT
3.8
3.8
3.8
3.8
dBm
Average Receive Power per Lane
(min)
RXPmin
-9.5
-9.4
-9.4
-9.4
dBm
Average Receive Power per Lane
(max)
RXPmax
3.4
3.4
3.4
3.4
dBm
Receiver Reflectance (max)
Rfl
-12
dB
Stressed Receiver Sensitivity (OMA)
per Lane
SRS
-5.2
-5.2
-5.2
-5.2
dBm
5
Back to Back Receiver Sensitivity
(OMA) per Lane
RxSens
-8.2
-8.4
-8.6
-8.8
dBm
6
Stressed Conditions:
Stressed eye closure
SEC
3.3
3.5
3.7
4.2
dB
Stressed eye J2 jitter
J2
0.39
UI
Stressed eye J4 jitter
J4
0.53
UI
Stressed Receiver Eye Mask
Definition {X1, X2, X3, Y1, Y2,
Y3}
{0.28,0.5,0.5,0.33,0.33,0.4}
7
LOS De-Assert (max)
LOSD
-11
dBm
8
LOS Assert (min)
LOSA
-30
dBm
8
LOS Hysteresis
0.5
dB
Notes:
1.
Transmitter consists of 4 lasers and a 4:1 optical multiplexer.
2.
Informative, link controlled by TDEC
3.
Hit Ratio 1.5 x 10-3 hits/sample.
4.
Receiver consists of a 1:4 optical de-multiplexer and 4 photodetectors.
5.
5 x 10-5 BER (pre-FEC).
6.
Unstressed receiver sensitivity is information, and assumes 5 x 10-5 BER (pre-FEC).
7.
Hit Ratio 5 x 10-5 hits/sample.
8.
DC values.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com