Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTLC9152RGPL Datasheet(PDF) 5 Page - Finisar Corporation.

Part # FTLC9152RGPL
Description  100m 100G QSFP28 SWDM4 Optical Transceiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLC9152RGPL Datasheet(HTML) 5 Page - Finisar Corporation.

  FTLC9152RGPL Datasheet HTML 1Page - Finisar Corporation. FTLC9152RGPL Datasheet HTML 2Page - Finisar Corporation. FTLC9152RGPL Datasheet HTML 3Page - Finisar Corporation. FTLC9152RGPL Datasheet HTML 4Page - Finisar Corporation. FTLC9152RGPL Datasheet HTML 5Page - Finisar Corporation. FTLC9152RGPL Datasheet HTML 6Page - Finisar Corporation. FTLC9152RGPL Datasheet HTML 7Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FTLC9152RGPL Product Specification – September 2017
 Finisar Corporation – 23-Sep-17 Rev. B1 Finisar Confidential
Page 5
V.
Link Budget
Parameter
Symbol
Min
Typ
Max
Units
Ref.
Bit Rate (all wavelengths combined)
BR
103.10
Gb/s
Bit Error Rate
BER
5x10-5
1
Insertion Loss
IL
1.8
dB
2
Maximum Supported Distances
Fiber Type
OM3 MMF
Lmax1
75
m
3
OM4 MMF
Lmax2
100
m
3
OM5 MMF
Lmax3
150
m
3
Notes:
1.
Tested with a 231 – 1 PRBS at 25.78125 Gb/s
2.
850 nm channel can tolerate 1.9 dB insertion loss
3.
Specified at 103.1Gb/s. Requires RS-FEC on the host to support maximum distance.
VI.
Environmental Specifications
Finisar FTLC9152 QSFP28 transceivers have a commercial operating case temperature
range of 0°C to +70°C. They can support temporary excursions to case temperatures of
-5°C and +75°C without permanent damage (see Section II).
Parameter
Symbol
Min
Typ
Max
Units
Ref.
Case Operating Temperature
Top
0
70
°C
Storage Temperature
Tsto
-40
85
°C
VII.
Regulatory Compliance
Finisar FTLC9152 QSFP28 transceivers are Class 1 Laser Products. They are certified
per the following standards:
Feature
Agency
Standard
Laser Eye
Safety
FDA/CDRH
21CFR1040.10 and Laser Notice 50
Laser Eye
Safety
CSA
IEC 60825-1:2014
Electrical
Safety
CSA
IEC 60950-1:2006+A1+A2
Electrical
Safety
UL/CSA
CLASS 3862.13
CLASS 3862.93
Copies of the referenced certificates to be available at Finisar Corporation upon request.
VIII. Digital Diagnostics Functions
FTLC9152 QSFP28 transceivers support the I2C-based diagnostics interface specified by
the QSFP28 MSA1. See Finisar Application Note AN-21675.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com