Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1073 Datasheet(PDF) 9 Page - Microchip Technology

Part # TC1073
Description  50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1073 Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC1073 Datasheet HTML 5Page - Microchip Technology TC1073 Datasheet HTML 6Page - Microchip Technology TC1073 Datasheet HTML 7Page - Microchip Technology TC1073 Datasheet HTML 8Page - Microchip Technology TC1073 Datasheet HTML 9Page - Microchip Technology TC1073 Datasheet HTML 10Page - Microchip Technology TC1073 Datasheet HTML 11Page - Microchip Technology TC1073 Datasheet HTML 12Page - Microchip Technology TC1073 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
© 2002 Microchip Technology Inc.
DS21354B-page 9
TC1072/TC1073
5.0
TYPICAL CHARACTERISTICS (CONTINUED)
(Unless Otherwise Specified, All Parts Are Measured At Temperature = 25°C)
0
10
20
30
40
50
60
70
80
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5
ILOAD = 150mA
CIN = 1µF
COUT = 1µF
VIN (V)
Ground Current vs. VIN (VOUT = 3.3V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
ILOAD = 100mA
CIN = 1µF
COUT = 1µF
0
0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 6.5 7
VIN (V)
VOUT vs. VIN (VOUT = 3.3V)
3.274
3.276
3.278
3.280
3.282
3.284
3.286
3.288
3.290
-40
-20
-10
0
20
40
85
125
ILOAD = 150mA
CIN = 1µF
COUT = 1µF
VIN = 4.3V
TEMPERATURE (
°C)
Output Voltage vs. Temperature (VOUT = 3.3V)
0
0.5
1
1.5
2
2.5
3
3.5
0
0.5 1 1.5
2 2.5 3 3.5
4 4.5 5
5.5 6 6.5 7
ILOAD = 0
CIN = 1µF
COUT = 1µF
VIN (V)
VOUT vs. VIN (VOUT = 3.3V)
3.275
3.280
3.285
3.290
3.295
3.300
3.305
3.310
3.315
3.320
-40
-20
-10
0
20
40
85
125
ILOAD = 10mA
CIN = 1µF
COUT = 1µF
VIN = 4.3V
TEMPERATURE (
°C)
Output Voltage vs. Temperature (VOUT = 3.3V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com