Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1073 Datasheet(PDF) 16 Page - Microchip Technology

Part # TC1073
Description  50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1073 Datasheet(HTML) 16 Page - Microchip Technology

Back Button TC1073 Datasheet HTML 12Page - Microchip Technology TC1073 Datasheet HTML 13Page - Microchip Technology TC1073 Datasheet HTML 14Page - Microchip Technology TC1073 Datasheet HTML 15Page - Microchip Technology TC1073 Datasheet HTML 16Page - Microchip Technology TC1073 Datasheet HTML 17Page - Microchip Technology TC1073 Datasheet HTML 18Page - Microchip Technology TC1073 Datasheet HTML 19Page - Microchip Technology TC1073 Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
TC1072/TC1073
DS21354B-page 16
© 2002 Microchip Technology Inc.
6.3
Package Dimensions
.069 (1.75)
.059 (1.50)
.122 (3.10)
.098 (2.50)
.075 (1.90)
REF.
.020 (0.50)
.014 (0.35)
.037 (0.95)
REF.
.118 (3.00)
.110 (2.80)
.057 (1.45)
.035 (0.90)
.006 (0.15)
.000 (0.00)
.024 (0.60)
.004 (0.10)
10
° MAX.
.008 (0.20)
.004 (0.09)
SOT-23A-6
Dimensions: inches (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com