Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1073 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC1073
Description  50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1073 Datasheet(HTML) 2 Page - Microchip Technology

  TC1073 Datasheet HTML 1Page - Microchip Technology TC1073 Datasheet HTML 2Page - Microchip Technology TC1073 Datasheet HTML 3Page - Microchip Technology TC1073 Datasheet HTML 4Page - Microchip Technology TC1073 Datasheet HTML 5Page - Microchip Technology TC1073 Datasheet HTML 6Page - Microchip Technology TC1073 Datasheet HTML 7Page - Microchip Technology TC1073 Datasheet HTML 8Page - Microchip Technology TC1073 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TC1072/TC1073
DS21354B-page 2
© 2002 Microchip Technology Inc.
General Description
The TC1072 and TC1073 are high accuracy (typically
±0.5%) CMOS upgrades for older (bipolar) low dropout
regulators. Designed specifically for battery-operated
systems, the devices’ CMOS construction eliminates
wasted ground current, significantly extending battery
life. Total supply current is typically 50
µA at full load (20
to 60 times lower than in bipolar regulators).
The devices’ key features include ultra low noise
operation (plus optional Bypass input); very low
dropout voltage (typically 85mV, TC1072 and 180mV,
TC1073 at full load) and fast response to step changes
in load. An error output (ERROR) is asserted when the
devices are out-of-regulation (due to a low input
voltage or excessive output current). ERROR can be
used as a low battery warning or as a processor
RESET signal (with the addition of an external RC
network). Supply current is reduced to 0.5
µA(max) and
both VOUT and ERROR are disabled when the
shutdown input is low. The devices incorporate both
over-temperature and over-current protection.
The TC1072 and TC1073 are stable with an output
capacitor of only 1
µF and have a maximum output
current of 50mA, and 100mA respectively. For higher
output current versions, please see the TC1185,
TC1186, TC1187 (IOUT = 150mA) and TC1107, TC1108
and TC1173 (IOUT = 300mA) data sheets.
Typical Application
TC1072
TC1073
VOUT
GND
1
µF
+
VIN
VIN
VOUT
1
6
2
4
3
SHDN
Shutdown Control
(from Power Control Logic)
ERROR
ERROR
Bypass
CBYPASS
470pF
5
RP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com