Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1073 Datasheet(PDF) 14 Page - Microchip Technology

Part # TC1073
Description  50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1073 Datasheet(HTML) 14 Page - Microchip Technology

Back Button TC1073 Datasheet HTML 10Page - Microchip Technology TC1073 Datasheet HTML 11Page - Microchip Technology TC1073 Datasheet HTML 12Page - Microchip Technology TC1073 Datasheet HTML 13Page - Microchip Technology TC1073 Datasheet HTML 14Page - Microchip Technology TC1073 Datasheet HTML 15Page - Microchip Technology TC1073 Datasheet HTML 16Page - Microchip Technology TC1073 Datasheet HTML 17Page - Microchip Technology TC1073 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
TC1072/TC1073
DS21354B-page 14
© 2002 Microchip Technology Inc.
5.0
TYPICAL CHARACTERISTICS (CONTINUED)
Line Regulation of 5.0V LDO
Conditions: VIN = 6V, + 1V Squarewave @ 2.5kHz
VIN
VOUT
CIN = 0µF, COUT = 1µF, CBYP = 470pF,
ILOAD = 100mA, VIN & VOUT are AC coupled
VOUT
Thermal Shutdown Response of 5.0V LDO
Conditions: VIN = 6V, CIN = 0µF, COUT = 1µF
I
LOAD was increased until temperature of die reached about 160°C, at
which time integrated thermal protection circuitry shuts the regulator
off when die temperature exceeds approximately 160
°C. The regulator
remains off until die temperature drops to approximately 150
°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com