Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40DR10 Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # 40DR10
Description  Glass Passivated Standard Recovery Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

40DR10 Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  40DR10 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 40DR10 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 40DR10 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 40DR10 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 40DR10 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 40DR10 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 40DR10 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
Average Forward Current (A)
Average Forward Current (A)
Fig.1 Current Ratings Characteristics
Fig.2 Current Ratings Characteristics
40D(R)Series
130
140
150
160
170
180
190
0
5
10 15 20 25 30 35 40 45
120
130
140
150
160
170
180
190
0
10
20
50
30
60
40
70
Average Forward Current (A)
Average Forward Current (A)
Fig.3 Current Ratings Characteristics
Fig.4 Current Ratings Characteristics
0
10
20
50
30
60
40
70
0
5
10 15 20 25 30 35 40 45
100
110
120
130
140
150
160
80
90
100
110
120
130
140
150
160
120°
180°
Fig.5 Forward Power Loss Characteristics
Average Forward Current (A)
Maximum Allowable Ambient Temperature (°C)
5
0
40
10
20
25
30
15
120
80
160
0
10
20
30
40
50
60
40
200
35
Conduction Angle
60°
120°
90°
30°
180°
30°
90°
120°
180°
Conduction Angle
30°
60° 90°
120°
180°
30°
90°
DC
40D(R) Series(1600V)
40D(R) Series(1600V)
40D(R) Series(200V to 1200V)
40D(R) Series(200V to 1200V)
180°
60°
120°
90°
30°
Page 3 of 7
www.nellsemi.com
Conduction Period
Conduction Period
60°
60°
Conduction Angle
40D(R) Series
(200V to 1200V)
T = 190°C
J
3 K/
W
5 K/W
5 K/W
RMS Limit
7 K/W
10 K/W
DC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com