Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40DR10 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # 40DR10
Description  Glass Passivated Standard Recovery Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

40DR10 Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  40DR10 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 40DR10 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 40DR10 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 40DR10 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 40DR10 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 40DR10 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 40DR10 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FEATURES
High surge current capability
Stud cathode and stud anode version
Wide current range
TYPICAL APPLICATIONS
SEMICONDUCTOR
RoHS
RoHS
Page 1 of 7
Glass Passivated Standard Recovery Diodes
Nell High Power Products
Voltage up to 1600V VRRM
RoHS compliant
40D(R)Series
(Stud Version), 40A
Battery charges
Converters
Power supplies
Machine tool controls
PRODUCT SUMMARY
IF(AV)
40A
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
UNIT
V
VRRM
IFSM
IF(AV)
2
I t
TJ
2
A s
A
A
ºC
TEST CONDITIONS
IF(RMS)
TC
ºC
A
63
570
595
1625
1473
-65 to 190
50 HZ
60 HZ
50 HZ
60 HZ
Range
ELECTRICAL SPECIFICATIONS
VOLTAGE RATINGS
VOLTAGE
TYPE
NUMBER
CODE
VRRM,MAXIMUM
REPETITIVE PEAK
REVERSE VOLTAGE
V
VRSM,MAXIMUM
NON-REPETITIVE
PEAK VOLTAGE
V
VRRM,MAXIMUM
TJ- =Maximum
TJ
mA
40D( R )
02
04
06
08
10
12
16
200
400
600
800
1000
1200
1600
300
500
700
900
1100
1300
1700
9
Glass passivated chips
Welder
40D
(R)
02 TO 12
16
40
110
40
140
110
-65 to 160
1600
200 to 1200
4.5
DO-203AB(DO-5)
www.nellsemi.com


Similar Part No. - 40DR10

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
40DR12M NELLSEMI-40DR12M Datasheet
368Kb / 6P
Glass Passivated Standard Recovery Diodes (Stud Version), 40A
More results

Similar Description - 40DR10

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
12DR12M NELLSEMI-12DR12M Datasheet
182Kb / 5P
Glass Passivated Standard Recovery Diodes (Stud Version), 12A
16DR12M NELLSEMI-16DR12M Datasheet
185Kb / 5P
Glass Passivated Standard Recovery Diodes (Stud Version), 16A
25DR12M NELLSEMI-25DR12M Datasheet
540Kb / 5P
Glass Passivated Standard Recovery Diodes (Stud Version), 25A
40DR12M NELLSEMI-40DR12M Datasheet
368Kb / 6P
Glass Passivated Standard Recovery Diodes (Stud Version), 40A
70DR12M NELLSEMI-70DR12M Datasheet
505Kb / 6P
Glass Passivated Standard Recovery Diodes
85DR12M NELLSEMI-85DR12M Datasheet
576Kb / 6P
Glass Passivated Standard Recovery Diodes (Stud Version), 85A
16DR NELLSEMI-16DR Datasheet
170Kb / 5P
Glass Passivated Standard Recovery Diodes
25DR NELLSEMI-25DR Datasheet
170Kb / 5P
Glass Passivated Standard Recovery Diodes
70DR NELLSEMI-70DR Datasheet
519Kb / 7P
Glass Passivated Standard Recovery Diodes
85DR NELLSEMI-85DR Datasheet
814Kb / 7P
Glass Passivated Standard Recovery Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com