Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40DR10 Datasheet(PDF) 6 Page - Nell Semiconductor Co., Ltd

Part # 40DR10
Description  Glass Passivated Standard Recovery Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

40DR10 Datasheet(HTML) 6 Page - Nell Semiconductor Co., Ltd

  40DR10 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 40DR10 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 40DR10 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 40DR10 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 40DR10 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 40DR10 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 40DR10 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
40D(R)Series
ORDERING INFORMATION TABLE
1
Current rating: Code = IF(AV)
2
D = Standard recovery device
3
None = Stud normal polarity (cathode to stud)
4
R = Stud reverse polarity (anode to stud)
Device code
D
M
40
R
12
1
2
3
4
5
5
Voltage code
× 100 = VRRM (see Voltage Ratings table)
None = Stud base DO-203AB (DO-5) 1/4”-28 UNF-2A, standard type
M = Stud base DO-203AB (DO-5) M6
×1.0, standard type
Page 6 of 7
www.nellsemi.com
DO-203AB(DO-5), standard type
19(0.75)
Ø15.2(Ø0.598) Max
(0.24/0.28)
6.2/7.0
Ø4.0(Ø0.157)
1/4
” 28UNF-2A
For metric devices: M6x1.0
(0.028/0.043)
0.7/1.1
AII dimensions in millimeters (inches)
Glass-Metal Seal
-
-
-
-
-
S = Stud base DO-203AB (DO-5) M8
×1.0, “Semikron” type



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com