Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40DR10 Datasheet(PDF) 5 Page - Nell Semiconductor Co., Ltd

Part # 40DR10
Description  Glass Passivated Standard Recovery Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

40DR10 Datasheet(HTML) 5 Page - Nell Semiconductor Co., Ltd

  40DR10 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 40DR10 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 40DR10 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 40DR10 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 40DR10 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 40DR10 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 40DR10 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
Fig.9 Maximum Non-Repetitive Surge Current
Fig.12 Forward Voltage Drop Characteristics
Fig.10 Maximum Non-Repetitive Surge Current
Fig.11 Thermal Impedance Z
Characteristics
thJC
1
10
100
0.5 1 1.5 2 2.5
3.5
4.5 5
0.01
0.1
1
Number Of Equal Amplitude Half Cycle current Pulses(N)
Instantaneous Forward Voltage (V)
Pulse Train Duration (S)
Square Wave Pulse Duration (s)
40D(R)Series
150
200
250
300
350
400
450
500
550
100
100
150
200
250
300
350
400
450
500
550
600
1
10
100
1000
3
4
1
10
100
1000
1 1.5
2
2.5
3.5
4.5
0
3
4
Square Wave Pulse Duration (s)
10
0.0001
0.001
0.1
0.01
0.1
1
1
(Up To 1200V)
(For 1600V)
At Any Rated Load Condition And With
At Rated V
Applied Following Surge.
RRM
Initial T = T Max.
J
J
@60 Hz 0.0083 s
@50 Hz 0.0100 s
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration.
No Voltage Reapplied
Reted V
Reapplied
RRM
Initial T = T Max.
J
J
Page 5 of 7
www.nellsemi.com
Fig.13 Thermal lmpedance ZthJC
characteristic
40D(R) Series
40D(R) Series
T = 200°C
J
T = 25°C
J
40D(R) Series
up to 1200V
T = 25°C
J
T = T Max.
J
J
40D(R) Series
Steady State Value
(DC Operation)
40D(R) Series



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com