Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL53L1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # VL53L1
Description  A new generation, long distance ranging Time-of-Flight sensor based on ST?셲 FlightSensense™ technology
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L1 Datasheet(HTML) 5 Page - STMicroelectronics

  VL53L1 Datasheet HTML 1Page - STMicroelectronics VL53L1 Datasheet HTML 2Page - STMicroelectronics VL53L1 Datasheet HTML 3Page - STMicroelectronics VL53L1 Datasheet HTML 4Page - STMicroelectronics VL53L1 Datasheet HTML 5Page - STMicroelectronics VL53L1 Datasheet HTML 6Page - STMicroelectronics VL53L1 Datasheet HTML 7Page - STMicroelectronics VL53L1 Datasheet HTML 8Page - STMicroelectronics VL53L1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
DocID031281 Rev 3
5/35
VL53L1X
Product overview
35
1.3
Device pinout
Figure 2 shows the pinout of the VL53L1X (see also Figure 18).
Figure 2. VL53L1X pinout (bottom view)
Note:
AVSSVCSEL and GND are ground pins and can be connected together in the application
schematics.
GND2, GND3, and GND4 are standard pins that we force to the ground domain in the
application schematics to avoid possible instabilities if set to other states.
Table 2. VL53L1X pin description
Pin number
Signal name
Signal type
Signal description
1
AVDDVCSEL
Supply
VCSEL supply, to be connected to main supply
2
AVSSVCSEL
Ground
VCSEL ground, to be connected to main ground
3
GND
Ground
To be connected to main ground
4
GND2
Ground
To be connected to main ground
5
XSHUT
Digital input
Xshutdown pin, active low
6
GND3
Ground
To be connected to main ground
7
GPIO1
Digital output
Interrupt output. Open drain output
8
DNC
Digital input
Do not connect, must be left floating
9SDA
Digital
input/output
I2C serial data
10
SCL
Digital input
I2C serial clock input
11
AVDD
Supply
Supply, to be connected to main supply
12
GND4
Ground
To be connected to main ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com