Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL53L1 Datasheet(PDF) 15 Page - STMicroelectronics

Part # VL53L1
Description  A new generation, long distance ranging Time-of-Flight sensor based on ST?셲 FlightSensense™ technology
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L1 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button VL53L1 Datasheet HTML 11Page - STMicroelectronics VL53L1 Datasheet HTML 12Page - STMicroelectronics VL53L1 Datasheet HTML 13Page - STMicroelectronics VL53L1 Datasheet HTML 14Page - STMicroelectronics VL53L1 Datasheet HTML 15Page - STMicroelectronics VL53L1 Datasheet HTML 16Page - STMicroelectronics VL53L1 Datasheet HTML 17Page - STMicroelectronics VL53L1 Datasheet HTML 18Page - STMicroelectronics VL53L1 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
DocID031281 Rev 3
15/35
VL53L1X
Ranging performances
35
3
Ranging performances
3.1
Test conditions
In all measurement tables of this specification, it is considered that:
1.
The full FoV (typically 27 °) is covered or a partial FoV is covered after a specific ROI is
programmed by the user (array size from 4x4 SPADs to 16x16 SPADs).
2.
Charts used as targets are: grey 17 % reflectance (N4.74 Munsell), grey 54 %
reflectance (N8.25 Munsell), and white 88 % reflectance (N9.5 Munsell).
3.
Nominal voltage (2.8 V) and temperature (23 °C).
4.
Detection rate is considered as 100 %.
5.
Unless mentioned, the device is setup and controlled through the driver using the
following settings:
a)
Distance mode is long
b)
Timing budget is 100 ms
c)
No cover glass is present
d)
Target covers the full FoV
6.
Ambient light is defined as follows:
a)
Dark = no IR light in the band 940 nm ±30 nm
b)
50 kcps/SPAD = lighting on a sunny day from behind a window(a)
c)
200 kcps/SPAD = lighting on a sunny day from behind a window, with direct
illumination on the sensor
d)
For reference, usual office lighting is around 5 kcps/SPAD
a. kcps is kilo counts per second. kcps/SPAD is the return ambient rate measured by the VL53L1X.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com