Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL53L1 Datasheet(PDF) 31 Page - STMicroelectronics

Part # VL53L1
Description  A new generation, long distance ranging Time-of-Flight sensor based on ST?셲 FlightSensense™ technology
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L1 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button VL53L1 Datasheet HTML 27Page - STMicroelectronics VL53L1 Datasheet HTML 28Page - STMicroelectronics VL53L1 Datasheet HTML 29Page - STMicroelectronics VL53L1 Datasheet HTML 30Page - STMicroelectronics VL53L1 Datasheet HTML 31Page - STMicroelectronics VL53L1 Datasheet HTML 32Page - STMicroelectronics VL53L1 Datasheet HTML 33Page - STMicroelectronics VL53L1 Datasheet HTML 34Page - STMicroelectronics VL53L1 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
DocID031281 Rev 3
31/35
VL53L1X
Packaging and labeling
35
8.5
Pb-free solder reflow process
Table 18 and Figure 24 show the recommended and maximum values for the solder profile.
Customers have to tune the reflow profile depending on the PCB, solder paste, and material
used. We expect customers to follow the recommended reflow profile, which is specifically
tuned for VL53L1X package.
For any reason, if a customer must perform a reflow profile which is different from the
recommended one (especially peak >240 °C), this new profile must be qualified by the
customer at their own risk. In any case, the profile has to be within the “maximum” profile
limit described in Table 18.
Figure 24. Solder profile
Note:
Temperature mentioned in Table 18 is measured at the top of the VL53L1X package.
Note:
The component should be limited to a maximum of three passes through this solder profile.
Table 18. Recommended solder profile
Parameters
Recommended
Maximum
Units
Minimum temperature (TS min)
Maximum temperature (TS max)
Time ts (TS min to TS max)
130
200
90-110
150
200
60 - 120
°C
°C
s
Temperature (TL)
Time (tL)
Ramp up
217
55-65
2
217
55 - 65
3
°C
s
°C/s
Temperature (Tp-10)
Time (tp)
Ramp up
-
-
-
235
10
3
°C
s
°C/s
Peak temperature (Tp)
240
245
°C
Time to peak
300
300
s
Ramp down (peak to TL)-4
-6
°C/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com