Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL53L1 Datasheet(PDF) 34 Page - STMicroelectronics

Part # VL53L1
Description  A new generation, long distance ranging Time-of-Flight sensor based on ST?셲 FlightSensense™ technology
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L1 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button VL53L1 Datasheet HTML 27Page - STMicroelectronics VL53L1 Datasheet HTML 28Page - STMicroelectronics VL53L1 Datasheet HTML 29Page - STMicroelectronics VL53L1 Datasheet HTML 30Page - STMicroelectronics VL53L1 Datasheet HTML 31Page - STMicroelectronics VL53L1 Datasheet HTML 32Page - STMicroelectronics VL53L1 Datasheet HTML 33Page - STMicroelectronics VL53L1 Datasheet HTML 34Page - STMicroelectronics VL53L1 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
Revision history
VL53L1X
34/35
DocID031281 Rev 3
12
Revision history
Table 22. Document revision history
Date
Revision
Changes
08-Feb-2018
1
Initial release
14-Feb-2018
2
Updated Applications and Description
29-Nov-2018
3
Updated Features: I2C interface up to 400 kHz
Table 10: updated tBUF, tR,and tF.
Table 18: modified Time (tp-10) to Time(tp)
Modified Figure 18, Figure 19, and Figure 20
Updated Section 7: Laser safety considerations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com