Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR8670 Datasheet(PDF) 10 Page - BUDDIES TECHNOLOGY LIMITED.

Part # CSR8670
Description  Bluetooth Module
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUDDIES [BUDDIES TECHNOLOGY LIMITED.]
Direct Link  http://www.buddies-tech.com/
Logo BUDDIES - BUDDIES TECHNOLOGY LIMITED.

CSR8670 Datasheet(HTML) 10 Page - BUDDIES TECHNOLOGY LIMITED.

Back Button CSR8670 Datasheet HTML 6Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 7Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 8Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 9Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 10Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 11Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 12Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 13Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 14Page - BUDDIES TECHNOLOGY LIMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
http://www.buddies-tech.com
BTM8670 DATASHEET
10
$
Pin#
Pin Name
Pad Type
Description
1 CAP_SENSE_5
Analogue input
Capacitive touch sensor input
2
CAP_SENSE_2
Analogue input
Capacitive touch sensor input
3 CAP_SENSE_0
Analogue input
Capacitive touch sensor input
4 GND
Ground
Digital Ground
5
AIO_1
Bi-directional
Analogue programmable input / output line
6
PCM_IN/PIO_17
Bi-directional with weak
pull_down
Synchronous data input. Alternative function
PIO[17]
7
PCM_CLK/PIO_20
Bi-directional with weak
pull_down
Synchronous data clock. Alternative function
PIO[20]
8
PCM_SYNC/PIO_19
Bi-directional with weak
pull_down
Synchronous data sync. Alternative function
PIO[19]
9
PCM_OUT/PIO_18
Bi-directional with weak
pull_down
Synchronous data output. Alternative
function PIO[18]
10
BT_RESET
Input with strong pull-up
Reset if low. Input debouched so
must be low for >5ms to cause a reset
11
SPI_CLK
Input with weak pull-down
SPI Clock
12
SPI_MOSI
Input with weak pull-down
SPI data input
13
SPI_CSB
Input with strong pull-up
Chip select for SPI, active low
14
SPI_MISO
Output with weak pull-down
SPI data output
15
UART_RTS
Bi-directional with weak
pull_up
UART request to send, active low.
Alternative function PIO[16]
16
SPI_CTS
Bi-directional with weak
pull_down
UART clear to send, active low
17
UART_RX
Bi-directional with strong
pull_up
UART data input
18
UART_TX
Bi-directional with weak
pull_up
UART data output
19
GND
Ground
Digital Ground
20
LED_0
Open drain
LED driver
Alternative function PO[29]
21
LED_1
Open drain
LED driver
Alternative function PO[30]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com