Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR8670 Datasheet(PDF) 14 Page - BUDDIES TECHNOLOGY LIMITED.

Part # CSR8670
Description  Bluetooth Module
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUDDIES [BUDDIES TECHNOLOGY LIMITED.]
Direct Link  http://www.buddies-tech.com/
Logo BUDDIES - BUDDIES TECHNOLOGY LIMITED.

CSR8670 Datasheet(HTML) 14 Page - BUDDIES TECHNOLOGY LIMITED.

Back Button CSR8670 Datasheet HTML 10Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 11Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 12Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 13Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 14Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 15Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 16Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 17Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 18Page - BUDDIES TECHNOLOGY LIMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
http://www.buddies-tech.com
BTM8670 DATASHEET
14
' $%&#
"
!
!
4.1
Power Supply
The transient response of the regulator is important. If the power rails of the module are
supplied from an external voltage source, the transient response of any regulator used
should be 20 s or less.
4.2
Audio Interfaces
The Audio interface circuit consists of:
Stereo/dual-mono audio codec
Dual analogue audio inputs
Dual analogue audio outputs
6 digit MEMS microphone inputs
A configurable PCM,I2S or SPDIF interface
As below shows the functional blocks of the interface. The codec supports
stereo/dual-mono playback and recording of audio signals at multiple sample rates with a
16-bit resolution. The ADC and DAC of the codec each contain 2 independent
high-quality channels. Any ADC or DAC channel runs at its own independent sample rate.
The interface for the digital audio bus shares the same pins as the PCM codec interface
described in section as below which means each of the audio buses are mutually exclusive
in the usage. As below lists these alternative functions.
Figure 4
Figure 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com