Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR8670 Datasheet(PDF) 13 Page - BUDDIES TECHNOLOGY LIMITED.

Part # CSR8670
Description  Bluetooth Module
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUDDIES [BUDDIES TECHNOLOGY LIMITED.]
Direct Link  http://www.buddies-tech.com/
Logo BUDDIES - BUDDIES TECHNOLOGY LIMITED.

CSR8670 Datasheet(HTML) 13 Page - BUDDIES TECHNOLOGY LIMITED.

Back Button CSR8670 Datasheet HTML 9Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 10Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 11Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 12Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 13Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 14Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 15Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 16Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 17Page - BUDDIES TECHNOLOGY LIMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
http://www.buddies-tech.com
BTM8670 DATASHEET
13
64
RF_IN
RF
Bluetooth 50ohm transmitter output/receiver
input
65
GND
Ground
Analogue Ground
66
CAP_SENSE_
1
Analogue input
Capacitive touch sensor input
67
CAP_SENSE_
3
Analogue input
Capacitive touch sensor input
68
CAP_SENSE_
4
Analogue input
Capacitive touch sensor input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com