Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR8670 Datasheet(PDF) 20 Page - BUDDIES TECHNOLOGY LIMITED.

Part # CSR8670
Description  Bluetooth Module
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUDDIES [BUDDIES TECHNOLOGY LIMITED.]
Direct Link  http://www.buddies-tech.com/
Logo BUDDIES - BUDDIES TECHNOLOGY LIMITED.

CSR8670 Datasheet(HTML) 20 Page - BUDDIES TECHNOLOGY LIMITED.

Back Button CSR8670 Datasheet HTML 16Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 17Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 18Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 19Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 20Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 21Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 22Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 23Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 24Page - BUDDIES TECHNOLOGY LIMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
http://www.buddies-tech.com
BTM8670 DATASHEET
20
4.4
Digital Audio Interface(I2S)
The digital audio interface supports the industry standard formats for I2S,left-justified or
right-justified. The interface shares the same pins as the PCM interface ,which means each
audio bus is mutually exclusive in its usage. Table as below lists these alternative
functions
4.5
RF Interface
The module integrates a balun filter. The user can connect a 50ohms antenna directly to the
RF port.
4.6
General Purpose Analog IO
The general purpose analog IOs can be configured as ADC inputs by software. Do not
connect them if not use.
4.7
General Purpose Digital IO
There are nine general purpose digital IOs defined in the module. All these GPIOs can be
configured by software to realize various functions, such as button controls, LED displays
or interrupt signals to host controller, etc. Do not connect them if not use.
4.8
Serial Interfaces
4.8.1
UART
This is a standard UART interface for communicating with other serial devices. The UART
interface provides a simple mechanism for communicating with other serial devices using
the RS232 protocol.
When the module is connected to another digital device, UART_RX and UART_TX
transfer data between the two devices. The remaining two signals, UART_CTS and
UART_RTS, can be used to implement RS232 hardware flow control where both are
active low indicators.
Note: The serial port interface(UART)can be used for system debugging. Don’t
support to use command set for profile function application by UART, such as
HFP/A2DP/AVRCP and so on. These profiles function application can be controlled
only by PIO, such as pairing/connect/answer/play/pause/next/previous function
application and so on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com