Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5322 Datasheet(PDF) 12 Page - Injoinic Technology Co.,Ltd.

Part # IP5322
Description  Mobile power SOC with integrated input and output fast charge function
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5322 Datasheet(HTML) 12 Page - Injoinic Technology Co.,Ltd.

Back Button IP5322 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 16Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
IP5322
V1.02
Email: service@injoinic.com
12 / 23
Copyright © 2015, Injoinic Corp.
自动识别外挂几颗电量显示灯。
L3
L2
L1
L3
L2
L1
L3
L2
L1
RSET
RSET
RSET
RSET
VSET
RSET
VSET
10k
VSET
RSET
4灯模式
3灯模式
2灯模式1
VREG
L3
L2
L1
RSET
VSET
RSET
2灯模式2
VREG
10k
10k
L3
L2
L1
RSET
10k
VSET
RSET
1灯模式1
10k
D1
D2
D3
D4
D1
D2
D3
D1
D2
D1
D2
图
4 四颗、三颗、两颗、一颗灯 LED PIN 连接方式
4 灯的显示方式为:
充电时
电量 C(%)
D1
D2
D3
D4
充满
亮
亮
亮
亮
75%≤C
亮
亮
亮
1.5Hz 闪烁
50%≤C<75%
亮
亮
1.5Hz 闪烁
灭
25%≤C<50%
亮
1.5Hz 闪烁
灭
灭
C<25%
1.5Hz 闪烁
灭
灭
灭
放电时
电量 C(%)
D1
D2
D3
D4
C≥75%
亮
亮
亮
亮
50%≤C<75%
亮
亮
亮
灭
25%≤C<50%
亮
亮
灭
灭
3%≤C<25%
亮
灭
灭
灭
0%<C<3%
1.0Hz 闪烁
灭
灭
灭



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com