Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5322 Datasheet(PDF) 13 Page - Injoinic Technology Co.,Ltd.

Part # IP5322
Description  Mobile power SOC with integrated input and output fast charge function
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5322 Datasheet(HTML) 13 Page - Injoinic Technology Co.,Ltd.

Back Button IP5322 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 16Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 17Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
IP5322
V1.02
Email: service@injoinic.com
13 / 23
Copyright © 2015, Injoinic Corp.
C=0%
3 灯的显示方式为:
充电时
电量 C(%)
D1
D2
D3
充满
66
%≤C
1.5Hz 闪烁
33
%≤C<66%
1.5Hz 闪烁
C<25%
1.5Hz 闪烁
放电时
电量 C(%)
D1
D2
D3
C≥66%
33
%≤C<66%
3%≤C<33%
0%<C<3%
1.0Hz 闪烁
C=0%
2 灯模式 1 的显示方式为双色灯:
充电时
电量 C(%)
D1
D2
充满
66
%≤C<100%
1.5Hz 闪烁
33
%≤C<66%
1.5Hz 闪烁
1.5Hz 闪烁
C<33%
1.5Hz 闪烁
放电时:
电量 C(%)
D1
D2
66
%≤C<100%
33
%≤C<66%
C<33%
C<3%
1.0Hz 闪烁
2 灯模式 2 的显示方式为:
充电时:D1 灯以 2.0s 为周期闪烁(1.0S 亮 1.0S 灭),充满时,常亮。
放电时:D2 灯常亮,当电压低于 3.2v 时 1.0Hz 闪烁(0.5S 亮 0.5S 灭),电压低于 3.0v 时关机。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com