Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT4932S Datasheet(PDF) 3 Page - Hotchip Technology Co.,Ltd

Part # HT4932S
Description  Highly integrated and minimal peripheral components
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT4932S Datasheet(HTML) 3 Page - Hotchip Technology Co.,Ltd

  HT4932S Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT4932S Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT4932S Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT4932S Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT4932S Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT4932S Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT4932S Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HT4932S Datasheet HTML 8Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HT4932S
Ver1.1
3/8
移动电源管理方案
www.hotchip.com.cn
USB IN
VCC
D-
D+
GND
1
2
3
4
U1
C1
4.7uF
1
2
3
4
13
14
15
16
LX
KEY
PROG
L4
L4-
TRIM
CS
DPDN
C3
10uF
HT4932
C2
22uF
L1
2.2uH
R1
1.2K
B-
B+
Battery
2
1
USB-OUT
1
2
3
4
5
6
VCC
D-
D+
GND
FGND1
FGND2
VOUT
R4
1R
5
6
7
8
9
10
11
12
L2
L1
LED
L3
GND
STB
BTP
VDD
R3
24K
R2L
NC
R2H
NC
LED1
LED2
LED3
LED4
LED5
HT2302
0.82R*
SW1
手电功能扩流参考应用电路图



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com