Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT4932S Datasheet(PDF) 4 Page - Hotchip Technology Co.,Ltd

Part # HT4932S
Description  Highly integrated and minimal peripheral components
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT4932S Datasheet(HTML) 4 Page - Hotchip Technology Co.,Ltd

  HT4932S Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT4932S Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT4932S Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT4932S Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT4932S Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT4932S Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT4932S Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HT4932S Datasheet HTML 8Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HT4932S
Ver1.1
4/8
移动电源管理方案
www.hotchip.com.cn
符号
特性
测试条件
单位
Min
Typ
Max
系统参数
VIN
输入电压范围
V
4
5
6
Vbat
电池电压
V
2.8
4.4
充电参数
VIN 掉电监
测
VIN 从低到高
Vin>BAT
mV
100
VIN 从高到低
Vin>BAT
mV
30
Vfloat
浮充门槛电压
V
4.18
4.22
4.26
Ibat
BAT 倒灌电流
Vcc=3.5V,
Vbat=4.2V
uA
±0.5
±5
VTRKL
涓流转恒流
VBAT 从低到高
V
2.8
VTRHYS
涓流充电迟滞电压
mV
100
VUV
Vcc 欠压闭锁门限
Vcc 从低到高
V
3.7
VUVHYS
Vcc 欠压闭锁迟滞
mV
200
VRECHG
复充门槛电压
V
4.1
Vprog1
涓流时 PROG 电压
V
0.1
Vprog2
大电流时 PROG 电压
V
1
FLED
充电时 LED 闪烁频率
Hz
1
放电参数
Vo
升压系统输出电压
V
4.95
5.1
5.25
VOVP
输出过压保护
V
5.8
VOVP_DIS
V
5.4
VUVLO
升压欠压保护
BAT 由高到低
V
2.8
VUVLO_R
升压欠压恢复
BAT 由低到高
V
3.00
IBAT1
Vout=5.5V,No
switching
mA
0.2
IBAT2
Vout=4.5V,
switching
mA
1
FOSC
工作频率
MHz
1
OTP
过温保护
degC
150
OTP_HYS
迟滞
degC
30
典型参数
(除特殊说明外,所有参数均在室温下测得,并以 GND 端电位为 0 电位)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com