Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT4932S Datasheet(PDF) 1 Page - Hotchip Technology Co.,Ltd

Part # HT4932S
Description  Highly integrated and minimal peripheral components
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT4932S Datasheet(HTML) 1 Page - Hotchip Technology Co.,Ltd

  HT4932S Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT4932S Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT4932S Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT4932S Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT4932S Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT4932S Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT4932S Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HT4932S Datasheet HTML 8Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HT4932S
Ver1.1
1/8
移动电源管理方案
www.hotchip.com.cn
典型应用电路图
USB IN
VCC
D-
D+
GND
1
2
3
4
U1
C1
4.7uF
1
2
3
4
13
14
15
16
LX
KEY
PROG
L4
L4-
TRIM
CS
DPDN
C3
10uF
HT4932
C2
22uF
L1
2.2uH
R1
1.2K
B-
B+
Battery
2
1
USB-OUT
1
2
3
4
5
6
VCC
D-
D+
GND
FGND1
FGND2
VOUT
R10
1R
5
6
7
8
9
10
11
12
L2
L1
LED
L3
GND
STB
BTP
VDD
R3
24K
R2L
NC
R2H
NC
LED1
LED2
LED3
LED4
LED5
SW1
产品概述
HT4932S 是一款目前世界上集成度最高的
移动电源管理芯片,它集成了充电管理模块、
LED 指示模块、升压放电管理模块,只需用很
少的元件,就可以组成市面上功能最强的移动
电源。
主要特点
◆ 高度集成,极少的外围元器件;
◆ 内置最大 1A 线性充电模式,充电电流外部
可调;
◆ 涓流/恒流/恒压三段式充电,恒定电压
4.22V,支持对 0V 电池充电;
◆ 内置充电能根据温升自动降低充电电流,
120 度开始下降,最低可降至 0;
◆ 升压使用同步整流电路,效率最高 91%,
发热低,固定 5.1V 输出,不需要外部电阻
设置;
◆ 最大输出电流高达 1.5A(BAT=3.6V),最大
放电电流可调;
◆ 具有恒功率输出功能,有完整的过流,短
路保护,内置温度保护过温自动停止升压;
◆ 负载插入自动启动升压,负载移除自动休
眠;
◆ 四灯指示方式,且放电的过程的指示灯阈
值可以微调,能适应不同的电池的放电曲
线;
◆ 电池低压提醒功能;
◆ 具有一个设置苹果 D+,D-分压电阻设置端
口
◆ 支持强光,弱光,暴闪,SOS 四种手电灯
模式,并支持外扩驱动大电流 LED 灯
◆ 固定开关频率 1MHZ;
◆ 电池过充、过放保护;
◆ 4KV ESD;
◆ SOP16 封装
典型应用
◆ 移动电源
◆ 各种备用电源
◆ 蓝牙音箱


Similar Part No. - HT4932S

ManufacturerPart #DatasheetDescription
logo
Hotchip Technology Co.,...
HT4936S HOTCHIP-HT4936S Datasheet
1Mb / 7P
The built-in maximum 1 A linear charging mode of charging current is adjustable
HT4938H HOTCHIP-HT4938H Datasheet
1Mb / 7P
Electrical Discharge ComputerIzatIon
More results

Similar Description - HT4932S

ManufacturerPart #DatasheetDescription
logo
Hotchip Technology Co.,...
HT4924U HOTCHIP-HT4924U Datasheet
1,017Kb / 6P
Highly integrated and minimal peripheral components
HT4927U HOTCHIP-HT4927U Datasheet
1Mb / 6P
Highly integrated, minimal peripheral components
HT4928S HOTCHIP-HT4928S Datasheet
1,016Kb / 6P
Highly integrated, minimal peripheral components
logo
Maxim Integrated Produc...
MAX3543EVKIT MAXIM-MAX3543EVKIT Datasheet
1Mb / 11P
All Critical Peripheral Components Included
Rev 0; 5/10
MAX2371EVKIT MAXIM-MAX2371EVKIT Datasheet
303Kb / 7P
All Critical Peripheral Components Included
Rev 0; 2/02
MAX2223EVKIT MAXIM-MAX2223EVKIT Datasheet
847Kb / 10P
All Critical Peripheral Components Included
Rev 0; 8/19
MAX2120EVKIT MAXIM-MAX2120EVKIT Datasheet
650Kb / 11P
All Critical Peripheral Components Included
Rev 2; 11/14
MAX2870EVKIT MAXIM-MAX2870EVKIT Datasheet
3Mb / 17P
All Critical Peripheral Components Included
Rev 2; 11/15
MAX2771EVKIT MAXIM-MAX2771EVKIT Datasheet
1Mb / 12P
All Critical Peripheral Components Included
Rev 0; 8/18
MAX3522BEVKIT MAXIM-MAX3522BEVKIT Datasheet
2Mb / 9P
All Critical Peripheral Components Included
Rev 0; 5/17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com