Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT4932S Datasheet(PDF) 2 Page - Hotchip Technology Co.,Ltd

Part # HT4932S
Description  Highly integrated and minimal peripheral components
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT4932S Datasheet(HTML) 2 Page - Hotchip Technology Co.,Ltd

  HT4932S Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT4932S Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT4932S Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT4932S Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT4932S Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT4932S Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT4932S Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HT4932S Datasheet HTML 8Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HT4932S
Ver1.1
2/8
移动电源管理方案
www.hotchip.com.cn
SOP16
引脚名
引脚号
功能说明
L4_TRIM
1
L4 阈值微调
KEY
2
功能开关
PROG
3
充电电流调整端
L4
4
电量指示灯 4
L3
5
电量指示灯 3
L2
6
电量指示灯 2
L1
7
电量指示灯 1
LED
8
手电灯
VDD
9
外部输入直流 5V
BTP
10
电池端
STB
11
待机输出
GND
12
芯片地
LX
13
升压电感端
VOUT
14
输出电压
DPDN
15
D+,D-驱动
CS
16
放电电流调整端
引脚定义
电路内部结构框图
1
2
3
4
13
14
15
16
LX
KEY
PROG
L4
L4-
TRIM
CS
DPDN
VOUT
5
6
7
8
9
10
11
12
L2
L1
LED
L3
GND
STB
BTP
VDD
L4
充放电
指示灯
VDD
BTP
充电
控制
5.1V
Vo
控制
逻辑
Gnd
上电检测
EA
LX
OVP
5.8V
OCP
升压控制
L1
PROG
STB
L2
L3
放电
控制
CS
DPDN
其他
功能
LED
KEY
L4_TRIM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com