Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

085 Datasheet(PDF) 3 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # 085
Description  3A Adjustable Low Dropout Linear Regulator (LDO)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

085 Datasheet(HTML) 3 Page - NIKO SEMICONDUCTOR CO., LTD.

  085 Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. 085 Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. 085 Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. 085 Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD. 085 Datasheet HTML 5Page - NIKO SEMICONDUCTOR CO., LTD. 085 Datasheet HTML 6Page - NIKO SEMICONDUCTOR CO., LTD. 085 Datasheet HTML 7Page - NIKO SEMICONDUCTOR CO., LTD. 085 Datasheet HTML 8Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
3A Adjustable Low Dropout
Linear Regulator (LDO)
NIKO-SEM
L1085XG
TO-252,263,220
Lead-Free
JUL-15-2004
PIN CONFIGURATIONS
Pin #
Function
1
GND
2
Output
3
Input
Note: TAB is Output Pin
Pin #
Function
2
GND
3
Output
5
Input
Note: TAB is Output Pin (For 5-pin)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com