Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

085 Datasheet(PDF) 4 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # 085
Description  3A Adjustable Low Dropout Linear Regulator (LDO)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

085 Datasheet(HTML) 4 Page - NIKO SEMICONDUCTOR CO., LTD.

  085 Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. 085 Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. 085 Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. 085 Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD. 085 Datasheet HTML 5Page - NIKO SEMICONDUCTOR CO., LTD. 085 Datasheet HTML 6Page - NIKO SEMICONDUCTOR CO., LTD. 085 Datasheet HTML 7Page - NIKO SEMICONDUCTOR CO., LTD. 085 Datasheet HTML 8Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
3A Fixed Low Dropout
Linear Regulator (LDO)
L1085XG-3.3
TO-252,263,220
Lead-Free
JUL-16-2004
NIKO-SEM
TO-263 (D2PAK) MECHANICAL DATA
mm
mm
Dimension
Min.
Typ.
Max.
Dimension
Min.
Typ.
Max.
A
14.5
15
15.8
H
1.0
1.5
1.8
B
4.2
4.7
I
9.8
10.3
C
1.20
1.35
J
6.5
D
2.8
K
1.5
E
0.3
0.4
0.5
L
0.7
1.4
F
-0.102
0.203
M
4.83
5.08
5.33
G
8.5
9
9.5
N
H
A
K
G



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com