Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

085 Datasheet(PDF) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # 085
Description  3A Adjustable Low Dropout Linear Regulator (LDO)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

085 Datasheet(HTML) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

  085 Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. 085 Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. 085 Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. 085 Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD. 085 Datasheet HTML 5Page - NIKO SEMICONDUCTOR CO., LTD. 085 Datasheet HTML 6Page - NIKO SEMICONDUCTOR CO., LTD. 085 Datasheet HTML 7Page - NIKO SEMICONDUCTOR CO., LTD. 085 Datasheet HTML 8Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
3A Adjustable Low Dropout
Linear Regulator (LDO)
NIKO-SEM
L1085XG
TO-252,263,220
Lead-Free
JUL-15-2004
ABSOLUTE MAXIMUM RATINGS
Maximum Supply Voltage
7V
Operating Junction
Temperature Range
0 to 125 °C
Power Dissipation
Internally
Limited
Storage Temperature
Range
-40 to 150 °C
Thermal Resistance
Junction to Case,
θJC
5 °C/W
Lead Temperature
(Soldering, 10 Seconds)
260 °C
Thermal Resistance
Junction to Ambient,
θJA
TO-263
TO-252
TO-220
60 °C/W
70 °C/W
50 °C/W
ELECTRICAL CHARACTERISTICS (Unless otherwise specified, TA = 25 °C.)
Parameter
Symbol
Test Conditions
Typical
Limits
Output Voltage
(Fixed Version)
Vo
VIN = 5V, IOUT = 10mA
3.3V
3.234VMin
3.367VMax
Dropout Voltage
VD
Δ
VREF = 1%, IOUT = 3A
1.3V
1.50V
Line Regulation
REG(LINE) (VOUT + 1.5V) ≤ VIN ≤ 7V, IOUT = 10mA
0.5%
2%
Load Regulation
REG(LOAD) (VIN -VOUT) = 3V, 10mA ≤ IOUT ≤ 3A
0.5%
2.5%
Minimum Load
Current
IO
1.5V
≤ (VIN -VOUT) ≤ 5.75V
10mA
GND Pin Current
IGND
55
µA
100
µA
Current Limit
ICL
VIN - VOUT = 2V
5.0A
4.0A (Min)
RMS Output Noise
VN
0.003%
of VOUT
Ripple Rejection
Ratio
RA
f = 120Hz, CADJ = 22µF for ADJ pin,
VIN = 5V, IOUT = 3A
72dB
60dB (Min)
DEVICE SELECTION GUIDE
Device
L1085DG-3.3
L1085SG-3.3
L1085S3G-3.3
L1085TG-3.3 L1085S5G-3.3
Package
TO-252
TO-263 (2-Lead) TO-263 (3-Lead)
TO-220
TO-263 (5-Lead)
Marking
L1085G-33
L1085G-33
L1085G-33
L1085G-33
L1085G-33



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com