Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

085 Datasheet(PDF) 1 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # 085
Description  3A Adjustable Low Dropout Linear Regulator (LDO)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

085 Datasheet(HTML) 1 Page - NIKO SEMICONDUCTOR CO., LTD.

  085 Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. 085 Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. 085 Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. 085 Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD. 085 Datasheet HTML 5Page - NIKO SEMICONDUCTOR CO., LTD. 085 Datasheet HTML 6Page - NIKO SEMICONDUCTOR CO., LTD. 085 Datasheet HTML 7Page - NIKO SEMICONDUCTOR CO., LTD. 085 Datasheet HTML 8Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
3A Adjustable Low Dropout
Linear Regulator (LDO)
NIKO-SEM
L1085XG
TO-252,263,220
Lead-Free
JUL-15-2004
GENERAL DESCRIPTION
The L1085G is a positive and low dropout
three-terminal voltage regulator with 3A out-
put current capability. This device is design-
ed for use in low voltage applications that
offers lower dropout voltage and faster tran-
sient response.
This device is fully protected against over
current faults, over temperature operation,
reversed input polarity, reversed lead insert-
ion, transient voltage spike …etc.
On-Chips trimming the reference voltage to
1% and features the low dropout of maxi-
mum 1.50 volts.
The L1085G Series regulators are available
in the popular industry standard TO-263
TO-220 and TO-252 packages.
FEATURES
Very easy to use, it requires only two
external resistors to set the output voltage
Low dropout voltage:
1.3V typical at up to 3A
Low ground current
Fast transient response
Current & thermal limiting
Line regulation: 0.5% typical
Load regulation: 0.5% typical
TO-263, TO-220 and TO-252 packages
APPLICATIONS
High current microprocessor supplies
Low voltage logic supply
Powering VGA & sound card
Portable instrumentation
Constant current regulator
Post regulator for switching power supply
TYPICAL APPLICATION
Vin>4.75V
Vout=3.3V
OUT
GND
Cin
10uF
Cout
10uF
RL
L1085-3.3
IN
Basic Fixed Output Regulator Circuit


Similar Part No. - 085

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
085 INFINEON-085 Datasheet
311Kb / 18P
Smart Highside High Current Power Switch
2008-Jan-24
logo
ETTINGER GmbH.
085.01.000 ETTINGER-085.01.000 Datasheet
130Kb / 1P
Set cont. 2 screws UNC4-40x3/4" with special label
085.01.002 ETTINGER-085.01.002 Datasheet
72Kb / 1P
Set cont. 2 screws DIN7985Z M3X8 with special label
085.01.435 ETTINGER-085.01.435 Datasheet
72Kb / 1P
Set containing 2 woodscrews and 2 dowels S6
085.05.223 ETTINGER-085.05.223 Datasheet
72Kb / 1P
n/a
More results

Similar Description - 085

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L1084S5 ETC-L1084S5 Datasheet
46Kb / 4P
5A Adjustable Low Dropout Linear Regulator (LDO)
L1085-3.3 ETC1-L1085-3.3 Datasheet
85Kb / 8P
3A Fixed Low Dropout Linear Regulator (LDO)
logo
Avic Technology
AV1085 AVICTEK-AV1085 Datasheet
108Kb / 7P
3A Adjustable Low Dropout Linear Regulator (LDO)
logo
Global Mixed-mode Techn...
G1085 GMT-G1085 Datasheet
343Kb / 8P
3A Adjustable Low-Dropout Linear Regulator
logo
List of Unclassifed Man...
L1084 ETC-L1084 Datasheet
232Kb / 8P
5A Adjustable Low Dropout Linear Regulator (LDO)
L1085 ETC-L1085 Datasheet
78Kb / 7P
3A Adjustable Low Dropout Linear Regulator (LDO)
L1084XG ETC2-L1084XG Datasheet
145Kb / 7P
5A Adjustable Low Dropout Linear Regulator (LDO)
logo
Unisonic Technologies
UZ1085 UTC-UZ1085_09 Datasheet
238Kb / 7P
3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com