Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89LE51RC Datasheet(PDF) 71 Page - STCmicro Technology Co,.Ltd

Part # STC89LE51RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE51RC Datasheet(HTML) 71 Page - STCmicro Technology Co,.Ltd

Back Button STC89LE51RC Datasheet HTML 67Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 68Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 69Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 70Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 71Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 72Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 73Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 74Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 75Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 165 page
background image
RETI
Function:
Return from interrupt
Description:
RETI pops the high- and low-order bytes of the PC successively from the stack, and restores
the interrupt logic to accept additional interrupts at the same priority level as the one just
processed. The Stack Pointer is left decremented by two. No other registers are affected; the
PSW is not automatically restored to its pre-interrupt status. Program execution continues at
the resulting address, which is generally the instruction immediately after the point at which
the interrupt request was detected. If a lower- or same-level interrupt had been pending when
the RETI instruction is executed, that one instruction will be executed before the pending
interrupt is processed.
Example:
The Stack Pointer originally contains the value 0BH. An interrupt was detected during the
instruction ending at location 0122H. Internal RAM locations 0AH and 0BH contain the
values 23H and 01H, respectively. The instruction,
RETI
will leave the Stack Pointer equal to 09H and return program execution to location 0123H.
Bytes:
1
Cycles:
2
Encoding:
0 0 1 1
0 0 1 0
Operation:
RETI
(PC
15-8) ← ((SP))
← ((SP))
((SP))
(SP) ← (SP) -1
← (SP) -1
(SP) -1
(PC
7-0) ← ((SP))
← ((SP))
((SP))
(SP) ← (SP) -1
← (SP) -1
(SP) -1
RL A
Function:
Rotate Accumulator Left
Description:
The eight bits in the Accumulator are rotated one bit to the left. Bit 7 is rotated into the bit 0
position. No flags are affected.
Example:
The Accumulator holds the value 0C5H (11000101B). The instruction,
RL
A
leaves the Accumulator holding the value 8BH (10001011B) with the carry unaffected.
Bytes:
1
Cycles:
1
Encoding:
0 0 1 0
0 0 1 1
Operation:
RL
(An
+1) ← (A
← (A
(An) n = 0-6
(A0) ← (A
← (A
(A7)
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com