Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89LE51RC Datasheet(PDF) 97 Page - STCmicro Technology Co,.Ltd

Part # STC89LE51RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE51RC Datasheet(HTML) 97 Page - STCmicro Technology Co,.Ltd

Back Button STC89LE51RC Datasheet HTML 93Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 94Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 95Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 96Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 97Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 98Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 99Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 100Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 101Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 165 page
background image
The following program is a assembly language code that domestrates Timer 1 of STC89xx series MCU acted as
baud rate generator.
;/*------------------------------------------------------------------------------------------------------------*/
;/* --- STC MCU International Limited ----------------------------------------------------------------*/
;/* --- STC 89xx Series MCU Timer 1 acted as Baud Rate Generoter Demo ------------------------*/
;/* If you want to use the program or the program referenced in the */
;/* article, please specify in which data and procedures from STC */
;/*--------------------------------------------------------------------------------------------------------------*/
;Declare STC89xx series MCU SFR
AUXR
EQU
8EH
;*/--------------------------------------------------------------------------------------------------------------*/
;Define baud rate auto-reload counter
;****************************************************************************
;The following Reload-Count and Baud is based on SYSclk =22.1184MHz, 1T mode, SMOD=1
;RELOAD_COUNT
EQU
0FFH
;Baud=1,382,400 bps
;RELOAD_COUNT
EQU
0FEH
;Baud=691,200 bps
;RELOAD_COUNT
EQU
0FDH
;Baud=460,800 bps
;RELOAD_COUNT
EQU
0FCH
;Baud=345,600 bps
;RELOAD_COUNT
EQU
0FBH
;Baud=276,480 bps
;RELOAD_COUNT
EQU
0FAH
;Baud=230,400 bps
;RELOAD_COUNT
EQU
0F4H
;Baud=115,200 bps
;RELOAD_COUNT
EQU
0E8H
;Baud=57,600 bps
;RELOAD_COUNT
EQU
0DCH
;Baud=38,400 bps
;RELOAD_COUNT
EQU
0B8H
;Baud=19,200 bps
;RELOAD_COUNT
EQU
70H
;Baud=9,600 bps
;*******************************************************************************
;The following Reload-Count and Baud is based on SYSclk =1.8432MHz, 1T mode, SMOD=1
;RELOAD_COUNT
EQU
0FFH
;Baud=115,200 bps
;RELOAD_COUNT
EQU
0FEH
;Baud=57,600 bps
;RELOAD_COUNT
EQU
0FDH
;Baud=38,400 bps
;RELOAD_COUNT
EQU
0FCH
;Baud=28,800 bps
;RELOAD_COUNT
EQU
0FAH
;Baud=19,200 bps
;RELOAD_COUNT
EQU
0F4H
;Baud=9,600 bps
;RELOAD_COUNT
EQU
0E8H
;Baud=4,800 bps
;RELOAD_COUNT
EQU
0D0H
;Baud=2,400 bps
;RELOAD_COUNT
EQU
0A0H
;Baud=1,200 bps
;********************************************************************************
;The following Reload-Count and Baud is based on SYSclk =18.432MHz, 1T mode, SMOD=1
;RELOAD_COUNT
EQU
0FFH
;Baud=1,152,000 bps
;RELOAD_COUNT
EQU
0FEH
;Baud=576,000 bps
;RELOAD_COUNT
EQU
0FDH
;Baud=288,000 bps
;RELOAD_COUNT
EQU
0FCH
;Baud=144,000 bps
;RELOAD_COUNT
EQU
0F6H
;Baud=115,200 bps
;RELOAD_COUNT
EQU
0ECH
;Baud=57,600 bps
97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com